전자부품 데이터시트 검색엔진 |
|
74LCXZ245 데이터시트(PDF) 5 Page - Fairchild Semiconductor |
|
74LCXZ245 데이터시트(HTML) 5 Page - Fairchild Semiconductor |
5 / 10 page 5 www.fairchildsemi.com AC LOADING and WAVEFORMS Generic for LCX Family FIGURE 1. AC Test Circuit (CL includes probe and jig capacitance) Waveform for Inverting and Non-Inverting Functions Propagation Delay. Pulse Width and trec Waveforms 3-STATE Output Low Enable and Disable Times for Logic 3-STATE Output High Enable and Disable Times for Logic Setup Time, Hold Time and Recovery Time for Logic trise and tfall FIGURE 2. Waveforms (Input Characteristics; f =1MHz, tR = tF = 3ns) Test Switch tPLH, tPHL Open tPZL, tPLZ 6V at VCC 3.3 r 0.3V VCC x 2 at VCC 2.5 r 0.2V tPZH,tPHZ GND Symbol VCC 3.3V r 0.3V 2.7V 2.5V r 0.2V Vmi 1.5V 1.5V VCC/2 Vmo 1.5V 1.5V VCC/2 Vx VOL 0.3V VOL 0.3V VOL 0.15V Vy VOH 0.3V VOH 0.3V VOH 0.15V |
유사한 부품 번호 - 74LCXZ245_05 |
|
유사한 설명 - 74LCXZ245_05 |