전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVQ08 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 74LVQ08
상세설명  Low Voltage Quad 2-Input AND Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVQ08 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  74LVQ08 Datasheet HTML 1Page - Fairchild Semiconductor 74LVQ08 Datasheet HTML 2Page - Fairchild Semiconductor 74LVQ08 Datasheet HTML 3Page - Fairchild Semiconductor 74LVQ08 Datasheet HTML 4Page - Fairchild Semiconductor 74LVQ08 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
Note 9: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by design.
Capacitance
Note 10: CPD is measured at 10 MHz.
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
VCC
CL = 50 pF
CL = 50 pF
Units
(V)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
2.7
1.5
9.0
13.4
1.0
14.0
ns
3.3
± 0.3
1.5
7.5
9.5
1.0
10.0
tPHL
Propagation Delay
2.7
1.5
8.4
12.0
1.0
13.0
ns
3.3
± 0.3
1.5
7.0
8.5
1.0
9.0
tOSHL
Output to Output Skew
2.7
1.0
1.5
1.5
ns
tOSLH
(Note 9)
3.3
± 0.3
1.0
1.5
1.5
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = Open
CPD (Note 10)
Power Dissipation Capacitance
17
pF
VCC = 3.3V


유사한 부품 번호 - 74LVQ08

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
74LVQ08 STMICROELECTRONICS-74LVQ08 Datasheet
213Kb / 11P
   QUAD 2-INPUT AND GATE
logo
Fairchild Semiconductor
74LVQ08 FAIRCHILD-74LVQ08 Datasheet
63Kb / 6P
   Low Voltage Quad 2-Input AND Gate
logo
STMicroelectronics
74LVQ08M STMICROELECTRONICS-74LVQ08M Datasheet
213Kb / 11P
   QUAD 2-INPUT AND GATE
74LVQ08MTR STMICROELECTRONICS-74LVQ08MTR Datasheet
213Kb / 11P
   QUAD 2-INPUT AND GATE
logo
Fairchild Semiconductor
74LVQ08SC FAIRCHILD-74LVQ08SC Datasheet
63Kb / 6P
   Low Voltage Quad 2-Input AND Gate
More results

유사한 설명 - 74LVQ08

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LVX08 FAIRCHILD-74LVX08_14 Datasheet
173Kb / 7P
   Low Voltage Quad 2-Input AND Gate
74LVX08 FAIRCHILD-74LVX08_08 Datasheet
307Kb / 8P
   Low Voltage Quad 2-Input AND Gate
74LVQ08 FAIRCHILD-74LVQ08 Datasheet
63Kb / 6P
   Low Voltage Quad 2-Input AND Gate
logo
ON Semiconductor
74LVX08 ONSEMI-74LVX08 Datasheet
239Kb / 8P
   Low Voltage Quad 2-Input AND Gate
June 2014 Rev. 1.5.0
logo
Fairchild Semiconductor
74LVX08 FAIRCHILD-74LVX08 Datasheet
62Kb / 6P
   Low Voltage Quad 2-Input AND Gate
logo
ON Semiconductor
74ALVC08 ONSEMI-74ALVC08 Datasheet
200Kb / 6P
   Low Voltage Quad 2-Input AND Gate
Revised February 2005
74VCX08 ONSEMI-74VCX08 Datasheet
643Kb / 13P
   Low Voltage Quad 2-Input AND Gate
December 2013 Rev. 1.9.1
74VCX86 ONSEMI-74VCX86 Datasheet
665Kb / 11P
   Low Voltage Quad 2-Input AND Gate
Revised December 2013
logo
Motorola, Inc
MC74LCX08 MOTOROLA-MC74LCX08 Datasheet
135Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT AND GATE
MC74LVQ08 MOTOROLA-MC74LVQ08 Datasheet
178Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT AND GATE
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com