전자부품 데이터시트 검색엔진 |
|
AM29F010B-120JE 데이터시트(PDF) 11 Page - SPANSION |
|
AM29F010B-120JE 데이터시트(HTML) 11 Page - SPANSION |
11 / 33 page October 31, 2006 Am29F010B_00_C7 Am29F010B 9 D A TA SH EE T Table 3. Am29F010B Autoselect Codes (High Voltage Method) L = Logic Low = VIL, H = Logic High = VIH, SA = Sector Address, X = Don’t care. Sector Protection/Unprotection The hardware sector protection feature disables both program and erase operations in any sector. The hard- ware sector unprotection feature re-enables both program and erase operations in previously protected sectors. Sector protection/unprotection must be implemented using programming equipment. The procedure re- quires a high voltage (VID) on address pin A9 and the control pins. Details on this method are provided in a supplement, publication number 22337. Contact an AMD representative to obtain a copy of the appropriate document. The device is shipped with all sectors unprotected. AMD offers the option of programming and protecting sectors at its factory prior to shipping the device through AMD’s ExpressFlash™ Service. Contact an AMD representative for details. It is possible to determine whether a sector is protected or unprotected. See “Autoselect Mode” for details. Hardware Data Protection The command sequence requirement of unlock cycles for programming or erasing provides data protection against inadvertent writes (refer to the Command Defi- nitions table). In addition, the following hardware data protection measures prevent accidental erasure or pro- gramming, which might otherwise be caused by spurious system level signals during VCC power-up and power-down transitions, or from system noise. Low VCC Write Inhibit When VCC is less than VLKO, the device does not ac- cept any write cycles. This protects data during VCC power-up and power-down. The command register and all internal program/erase circuits are disabled, and the device resets. Subsequent writes are ignored until VCC is greater than VLKO. The system must provide the proper signals to the control pins to prevent uninten- tional writes when VCC is greater than VLKO. Write Pulse “Glitch” Protection Noise pulses of less than 5 ns (typical) on OE#, CE# or WE# do not initiate a write cycle. Logical Inhibit Write cycles are inhibited by holding any one of OE# = VIL, CE# = VIH or WE# = VIH. To initiate a write cycle, CE# and WE# must be a logical zero while OE# is a logical one. Power-Up Write Inhibit If WE# = CE# = VIL and OE# = VIH during power up, the device does not accept commands on the rising edge of WE#. The internal state machine is automatically reset to reading array data on power-up. Description CE# OE# WE# A16 to A14 A13 to A10 A9 A8 to A7 A6 A5 to A2 A1 A0 DQ7 to DQ0 Manufacturer ID: AMD L L H X X VID X L X L L 01h Device ID: Am29F010B L L H X X VID X L X L H 20h Sector Protection Verification L L H SA X VID X L X H L 01h (protected) 00h (unprotected) |
유사한 부품 번호 - AM29F010B-120JE |
|
유사한 설명 - AM29F010B-120JE |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |