전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NE1617DS 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 NE1617DS
상세설명  Temperature monitor for microprocessor systems
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE1617DS 데이터시트(HTML) 4 Page - NXP Semiconductors

  NE1617DS Datasheet HTML 1Page - NXP Semiconductors NE1617DS Datasheet HTML 2Page - NXP Semiconductors NE1617DS Datasheet HTML 3Page - NXP Semiconductors NE1617DS Datasheet HTML 4Page - NXP Semiconductors NE1617DS Datasheet HTML 5Page - NXP Semiconductors NE1617DS Datasheet HTML 6Page - NXP Semiconductors NE1617DS Datasheet HTML 7Page - NXP Semiconductors NE1617DS Datasheet HTML 8Page - NXP Semiconductors NE1617DS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Philips Semiconductors
Product specification
NE1617
Temperature monitor for microprocessor systems
1999 Mar 19
4
TYPICAL OPERATING CIRCUIT
215
14
12
11
10
6
7
8
SHIELDED
TWISTED PAIR
(NOTE 1)
REMOTE SENSOR
3
4
C1
(NOTE 2)
0.1
µF
VDD
CLOCK
DATA
MICROCONTROLLER
INTERRUPT
10K
10K
10K
SL01203
NE1617
NOTES:
1. May be required if remote diode is in a noisy environment and/or several feet from the NE1617.
2. May be required in noisy environment. Up to 2200pF may be used.
Figure 2. Typical operating circuit
ABSOLUTE MAXIMUM RATINGS
PARAMETER
MIN.
MAX.
UNIT
VDD to GND
–0.3
+6
V
D+, ADD0, ADD1
–0.3
VDD+0.3
V
D– to GND
–0.3
+0.8
V
SCLK, SDATA, ALERT, STBY
–0.3
+6
V
Input current SDATA
–1
+50
mA
D– current
±1
mA
Operating temperature range
0
+120
°C
Maximum junction temperature
+150
°C
Storage temperature range
–65
+150
°C


유사한 부품 번호 - NE1617DS

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
NE1617A PHILIPS-NE1617A Datasheet
133Kb / 17P
   Temperature monitor for microprocessor systems
2004 Oct 05
NE1617A NXP-NE1617A Datasheet
174Kb / 27P
   Temperature monitor for microprocessor systems
Rev. 04-30 July 2009
NE1617A NXP-NE1617A Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
NE1617ADS PHILIPS-NE1617ADS Datasheet
133Kb / 17P
   Temperature monitor for microprocessor systems
2004 Oct 05
NE1617ADS NXP-NE1617ADS Datasheet
174Kb / 27P
   Temperature monitor for microprocessor systems
Rev. 04-30 July 2009
More results

유사한 설명 - NE1617DS

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
NE1617A NXP-NE1617A Datasheet
174Kb / 27P
   Temperature monitor for microprocessor systems
Rev. 04-30 July 2009
NE1617A PHILIPS-NE1617A Datasheet
133Kb / 17P
   Temperature monitor for microprocessor systems
2004 Oct 05
NE1618 PHILIPS-NE1618 Datasheet
137Kb / 16P
   Temperature monitor for microprocessor systems
2002 Jan 04
logo
Analog Devices
EVAL-ADM1023 AD-EVAL-ADM1023 Datasheet
292Kb / 12P
   Evaluation Board for Microprocessor System Temperature Monitor
REV. A 11/10/99
EVAL-ADM1022 AD-EVAL-ADM1022 Datasheet
346Kb / 14P
   Evaluation Board for Microprocessor System Temperature Monitor
REV. B
ADM1021 AD-ADM1021 Datasheet
139Kb / 12P
   Low Cost Microprocessor System Temperature Monitor
REV. 0
ADM1021A AD-ADM1021A Datasheet
203Kb / 16P
   Low-Cost Microprocessor System Temperature Monitor
REV. D
logo
Microchip Technology
TC1232 MICROCHIP-TC1232_14 Datasheet
583Kb / 24P
   Microprocessor Monitor
10/28/13
TC1232 MICROCHIP-TC1232 Datasheet
275Kb / 20P
   Microprocessor Monitor
2005
logo
ON Semiconductor
NCP1232 ONSEMI-NCP1232 Datasheet
95Kb / 8P
   Microprocessor Monitor
May, 2000 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com