전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC638 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 BC638
상세설명  PNP Epitaxial Silicon Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BC638 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  BC638 Datasheet HTML 1Page - Fairchild Semiconductor BC638 Datasheet HTML 2Page - Fairchild Semiconductor BC638 Datasheet HTML 3Page - Fairchild Semiconductor BC638 Datasheet HTML 4Page - Fairchild Semiconductor BC638 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2005 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
BC638 Rev. C2
BC638
PNP Epitaxial Silicon Transistor
Switching and Amplifier Applications
• Complement to BC637
Absolute Maximum Ratings T
a = 25°C unless otherwise noted
Electrical Characteristics T
a = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCER
Collector-Emitter Voltage at RBE=1KΩ
-60
V
VCES
Collector-Emitter Voltage
-60
V
VCEO
Collector-Emitter Voltage
-60
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current
-1
A
ICP
Peak Collector Current
-1.5
A
IB
Base Current
-100
mA
PC
Collector Power Dissipation
1
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-65 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
BVCEO
Collector-Emitter Breakdown Voltage
IC= -10mA, IB=0
-60
V
ICBO
Collector Cut-off Current
VCB= -30V, IE=0
-0.1
µA
IEBO
Emitter Cut-off Current
VEB= -5V, IC=0
-0.1
µA
hFE1
hFE2
hFE3
DC Current Gain
VCE= -2V, IC= -5mA
VCE= -2V, IC= -150mA
VCE= -2V, IC= -500mA
25
40
25
160
VCE (sat)
Collector-Emitter Saturation Voltage
IC= -500mA, IB= -50mA
-0.5
V
VBE (on)
Base-Emitter On Voltage
VCE= -2V, IC= -500mA
-1
V
fT
Current Gain Bandwidth Product
VCE= -5V, IC= -10mA,
f=50MHz
100
MHz
1. Emitter 2. Collector 3. Base
TO-92
1


유사한 부품 번호 - BC638

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
BC638 MOTOROLA-BC638 Datasheet
116Kb / 4P
   High Current Transistors
logo
Continental Device Indi...
BC638 CDIL-BC638 Datasheet
121Kb / 5P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
ON Semiconductor
BC638 ONSEMI-BC638 Datasheet
86Kb / 4P
   High Current Transistors(PNP Silicon)
June, 2000 ??Rev. 1
logo
Nanjing International G...
BC638 DGNJDZ-BC638 Datasheet
97Kb / 3P
   PNP Silicon Epitaxial Planar Transistor
logo
NXP Semiconductors
BC638 PHILIPS-BC638 Datasheet
43Kb / 8P
   PNP medium power transistors
1999 Apr 23
More results

유사한 설명 - BC638

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com