전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL5416 데이터시트(PDF) 2 Page - Intersil Corporation

부품명 ISL5416
상세설명  Four-Channel Wideband Programmable DownConverter
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5416 데이터시트(HTML) 2 Page - Intersil Corporation

  ISL5416_04 Datasheet HTML 1Page - Intersil Corporation ISL5416_04 Datasheet HTML 2Page - Intersil Corporation ISL5416_04 Datasheet HTML 3Page - Intersil Corporation ISL5416_04 Datasheet HTML 4Page - Intersil Corporation ISL5416_04 Datasheet HTML 5Page - Intersil Corporation ISL5416_04 Datasheet HTML 6Page - Intersil Corporation ISL5416_04 Datasheet HTML 7Page - Intersil Corporation ISL5416_04 Datasheet HTML 8Page - Intersil Corporation ISL5416_04 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 71 page
background image
16
/
DIGITAL
TUNING
MIXER
NCO
32-BIT CONTROL
>110 db SFDR
24
/
24
/
CIC
FILTER
24
/
24
/
CASCADE
INPUTS
1-5 STAGES
R=2-64K
BYPASS
GAIN
20
/
20
/
24
/
24
/
FIR
24
/
24
/
1
1-32 TAPS
R=1-8
BYPASS
GAIN
20
/
20
/
FIR
24
/
24
/
2
1-64 TAPS
R=1-8
BYPASS
FILTER
CASCADE
OUTPUT
AGC
R
O
U
N
D
24
/
24
/
16
/
16
/
F
I
F
O
IHBF
16
/
16
/
16
/
16
/
16
/
16
/
RESAMPLING
FILTER
24
/
24
/
AIN(16:0)
BIN(16:0)
CIN(16:0)
DIN(16:0)
TEST INPUT
INPUT
FORMAT
RANGE
CONTROL
AIN(16:0)
ENIA
CLKA
DIGITAL
TUNER
OUTPUT
FORMAT
SLOT CONTROL
CH 0, 1 MUXING
MUX
EXT AGC CNTRL
INPUT
FORMAT
RANGE
CONTROL
BIN(16:0)
ENIB
CLKB
DIGITAL
TUNER
OUTPUT
FORMAT
SLOT CONTROL
CH 0, 1 MUXING
AGC GAIN
INPUT
FORMAT
RANGE
CONTROL
CIN(16:0)
ENIC
CLKC
DIGITAL
TUNER
OUTPUT
FORMAT
SLOT CONTROL
CH 2, 3 MUXING
INPUT
FORMAT
RANGE
CONTROL
DIN(16:0)
ENID
CLKD
DIGITAL
TUNER
OUTPUT
FORMAT
SLOT CONTROL
CH 2, 3 MUXING
AGC GAIN
MUX
EOUT(15:0)
TEST
REGISTER
CASCADE
IN
CASCADE
OUT
SERIAL OUTPUTS
AOUT(15:0)
FSYNCA
OEA
BOUT(15:0)
FSYNCB
OEB
COUT(15:0)
FSYNCC
OEC
DOUT(15:0)
FSYNCD
OED
CLKO1
CLKO2/
INTRPT
uP INTERFACE
SEQUENCED uP READ DATA
P(15:0), uPMODE, RD (RD/WR),
WR (DSTRB), CE, ADD(2:0)
SYNCHRONIZATION
JTAG
SYNCO SYNCIN1 SYNCIN2
TRST
TMS
TCLK
TDI
TDO
CHANNEL 0
CHANNEL 1
CHANNEL 2
CHANNEL 3
INPUT A
INPUT B
INPUT C
INPUT D
TYPICAL CHANNEL
RESET


유사한 부품 번호 - ISL5416_04

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL5416EVAL INTERSIL-ISL5416EVAL Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable DownConverter
ISL5416EVAL1 INTERSIL-ISL5416EVAL1 Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable
August 2004
logo
Renesas Technology Corp
ISL5416EVAL1 RENESAS-ISL5416EVAL1 Datasheet
2Mb / 71P
   Four-Channel Wideband Programmable DownConverter
logo
Intersil Corporation
ISL5416KI INTERSIL-ISL5416KI Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable DownConverter
ISL5416KI INTERSIL-ISL5416KI Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable
August 2004
More results

유사한 설명 - ISL5416_04

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL5416 INTERSIL-ISL5416 Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable DownConverter
logo
Renesas Technology Corp
ISL5416 RENESAS-ISL5416 Datasheet
2Mb / 71P
   Four-Channel Wideband Programmable DownConverter
logo
Intersil Corporation
HSP50216 INTERSIL-HSP50216_07 Datasheet
786Kb / 58P
   Four-Channel Programmable Digital Downconverter
ISL5216KI INTERSIL-ISL5216KI Datasheet
971Kb / 65P
   Four-Channel Programmable Digital Downconverter
July 13, 2007
logo
Renesas Technology Corp
HSP50216 RENESAS-HSP50216 Datasheet
1Mb / 59P
   Four-Channel Programmable Digital Downconverter
October 5, 2015
logo
Intersil Corporation
ISL5216 INTERSIL-ISL5216 Datasheet
1Mb / 65P
   Four-Channel Programmable Digital DownConverter
HSP50216 INTERSIL-HSP50216_06 Datasheet
767Kb / 58P
   Four-Channel Programmable Digital DownConverter
logo
Renesas Technology Corp
ISL5216 RENESAS-ISL5216 Datasheet
2Mb / 65P
   Four-Channel Programmable Digital Downconverter
logo
Intersil Corporation
HSP50216 INTERSIL-HSP50216 Datasheet
561Kb / 53P
   Four-Channel Programmable Digital DownConverter
ISL5216 INTERSIL-ISL5216_07 Datasheet
969Kb / 65P
   Four-Channel Programmable Digital Downconverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com