전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCW71 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 BCW71
상세설명  NPN General Purpose Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BCW71 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  BCW71_1 Datasheet HTML 1Page - Fairchild Semiconductor BCW71_1 Datasheet HTML 2Page - Fairchild Semiconductor BCW71_1 Datasheet HTML 3Page - Fairchild Semiconductor BCW71_1 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPN General Purpose Amplifier
(continued)
Electrical Characteristics
TA = 25°C unless otherwise noted
OFF CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min
Typ
Max Units
V(BR)CEO
Collector-Emitter Breakdown
Voltage
IC = 1.0 mA, IB = 0
45
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC = 10
µA, IE = 0
50
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = 10
µA, IC = 0
5.0
V
ICBO
Collector-Cutoff Current
VCB = 20 V, IE = 0
VCB = 20 V, IE = 0, TA = 100
°C
100
10
µA
ON CHARACTERISTICS
hFE
DC Current Gain
IC = 2.0 mA, VCE = 5.0 V
110
220
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 10 mA, IB = 0.5 mA
0.25
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 50 mA, IB = 2.5 mA
0.85
V
VBE(on)
Base-Emitter On Voltage
IC = 2.0 mA, VCE = 5.0 V
0.6
0.75
V
SMALL SIGNAL CHARACTERISTICS
fT
Current Gain - Bandwidth Product
IC = 10 mA, VCE = 5.0 V,
f = 35 MHz
330
MHz
Cobo
Output Capacitance
VCE = 10 V, IE = 0, f = 1.0 MHz
4.0
pF
Cibo
Input Capacitance
VEB = 0.5 V, IC = 0, f = 1.0 MHz
9.0
pF
NF
Noise Figure
IC = 0.2 mA, VCE = 5.0 V,
RS = 2.0 k
Ω, f = 1.0 kHz,
BW = 200 Hz
10
dB
Typical Characteristics
Typical Pulsed Current Gain
vs Collector Current
10
20
30
50
100
200 300
500
0
100
200
300
400
I - COLLECTOR CURRENT (mA)
C
125 °C
25 °C
- 40 °C
Vce = 5V
Collector-Emitter Saturation
Voltage vs Collector Current
110
100
400
0.1
0.2
0.3
0.4
I - COLLECTOR CURRENT (mA)
C
25 °C
- 40 °C
125 °C
β = 10


유사한 부품 번호 - BCW71_1

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
BCW71 KEXIN-BCW71_15 Datasheet
911Kb / 2P
   NPN Transistors
logo
NXP Semiconductors
BCW71 PHILIPS-BCW71_15 Datasheet
115Kb / 6P
   NPN general purpose transistors
1999 Apr 19
More results

유사한 설명 - BCW71_1

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com