전자부품 데이터시트 검색엔진 |
|
ISL5585GCM 데이터시트(PDF) 2 Page - Intersil Corporation |
|
ISL5585GCM 데이터시트(HTML) 2 Page - Intersil Corporation |
2 / 24 page 2 Ordering Information PART NUMBER HIGH BATTERY (VBH) LONGITUDINAL BALANCE FULL TEST TEMP. RANGE (°C) PACKAGE PKG. DWG. # 100V 85V 75V 58dB 53dB ISL5585AIM •• • -40 to 85 28 Ld PLCC N28.45 ISL5585AIMZ (See Note) •• • -40 to 85 28 Ld PLCC (Pb-free) N28.45 ISL5585BIM •• • -40 to 85 28 Ld PLCC N28.45 ISL5585BIMZ (See Note) •• • -40 to 85 28 Ld PLCC (Pb-free) N28.45 ISL5585CIM •• • -40 to 85 28 Ld PLCC N28.45 ISL5585CIMZ (See Note) •• • -40 to 85 28 Ld PLCC (Pb-free) N28.45 ISL5585DIM •• • -40 to 85 28 Ld PLCC N28.45 ISL5585DIMZ (See Note) •• • -40 to 85 28 Ld PLCC (Pb-free) N28.45 ISL5585ECM •• 0 to 75 28 Ld PLCC N28.45 ISL5585ECMZ (See Note) •• 0 to 75 28 Ld PLCC (Pb-free) N28.45 ISL5585ECR •• 0 to 75 32 Pad QFN L32.7x7* ISL5585ECRZ (See Note) •• 0 to 75 32 Pad QFN (Pb-free) L32.7x7* ISL5585FCM •• • 0 to 85 28 Ld PLCC N28.45 ISL5585FCMZ (See Note) •• • 0 to 85 28 Ld PLCC (Pb-free) N28.45 ISL5585FCR •• • 0 to 85 32 Pad QFN L32.7x7* ISL5585FCRZ (See Note) •• • 0 to 85 32 Pad QFN (Pb-free) L32.7x7* ISL5585GCM •• • 0 to 85 28 Ld PLCC N28.45 ISL5585GCMZ (See Note) •• • 0 to 85 28 Ld PLCC (Pb-free) N28.45 ISL5585GCR •• • 0 to 85 32 pad QFN L32.7x7* ISL5585GCRZ (See Note) •• • 0 to 85 32 pad QFN (Pb-free) L32.7x7* ISL5585 XXX Evaluation board platform, including CODEC. Also available in Tape and Reel *Reference “Special Considerations for the QFN Package” text. NOTE: Intersil Pb-free products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb- free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020C. ISL5585 |
유사한 부품 번호 - ISL5585GCM |
|
유사한 설명 - ISL5585GCM |