전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL43240IR-T 데이터시트(PDF) 7 Page - Intersil Corporation

부품명 ISL43240IR-T
상세설명  Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43240IR-T 데이터시트(HTML) 7 Page - Intersil Corporation

Back Button ISL43240IR-T Datasheet HTML 3Page - Intersil Corporation ISL43240IR-T Datasheet HTML 4Page - Intersil Corporation ISL43240IR-T Datasheet HTML 5Page - Intersil Corporation ISL43240IR-T Datasheet HTML 6Page - Intersil Corporation ISL43240IR-T Datasheet HTML 7Page - Intersil Corporation ISL43240IR-T Datasheet HTML 8Page - Intersil Corporation ISL43240IR-T Datasheet HTML 9Page - Intersil Corporation ISL43240IR-T Datasheet HTML 10Page - Intersil Corporation ISL43240IR-T Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
Test Circuits and Waveforms
Logic input waveform is inverted for switches that have the opposite
logic sense.
FIGURE 1A. MEASUREMENT POINTS
Repeat test for all switches. CL includes fixture and stray
capacitance.
FIGURE 1B. TEST CIRCUIT
FIGURE 1. SWITCHING TIMES
Logic input waveform is inverted for switches that have the opposite
logic sense.
FIGURE 2A. MEASUREMENT POINTS
Repeat test for all switches. CL includes fixture and stray
capacitance.
FIGURE 2B. TEST CIRCUIT
FIGURE 2. CHARGE INJECTION
FIGURE 3A. MEASUREMENT POINTS
Repeat test for all switches. CL includes fixture and stray
capacitance.
FIGURE 3B. TEST CIRCUIT
FIGURE 3. BREAK-BEFORE-MAKE TIME
50%
tr < 20ns
tf < 20ns
tON
75%
3V
VNC
0V
tOFF
LOGIC
INPUT
SWITCH
OUTPUT
75%
VOUT
25%
25%
tON
tOFF
VNO
V
OUT
V
(NO or NC)
R
L
R
L
R
ON
()
+
------------------------------
=
SWITCH
INPUTS
LOGIC
INPUT
VOUT
RL
CL
COM
NO
IN
300
35pF
GND
V+
C
V-
C
VNO
C
NC
VNC
C
VOUT
∆V
OUT
ON
OFF
ON
Q =
∆VOUT x CL
SWITCH
OUTPUT
LOGIC
INPUT
3V
0V
CL
VOUT
RG
VG
GND
COM
NO or NC
V+
C
LOGIC
INPUT
IN
C
V-
80%
3V
0V
tD
LOGIC
INPUT
SWITCH
OUTPUT
0V
VOUT
LOGIC
INPUT
IN
COM
RL
CL
VOUT
35pF
300
NO
NC
V+
GND
VNX
C
C
ISL43240


유사한 부품 번호 - ISL43240IR-T

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL43240IR-T INTERSIL-ISL43240IR-T Datasheet
442Kb / 14P
   Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switches
More results

유사한 설명 - ISL43240IR-T

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL43240 INTERSIL-ISL43240 Datasheet
442Kb / 14P
   Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switches
ISL8394 INTERSIL-ISL8394 Datasheet
294Kb / 11P
   Low-Voltage, Single and Dual Supply, Quad SPDT, Analog Switches
ISL8394 INTERSIL-ISL8394_06 Datasheet
383Kb / 11P
   Low-Voltage, Single and Dual Supply, Quad SPDT, Analog Switches
logo
Renesas Technology Corp
ISL8394 RENESAS-ISL8394 Datasheet
607Kb / 11P
   Low-Voltage, Single and Dual Supply, Quad SPDT, Analog Switches
logo
Intersil Corporation
ISL43240IAZ INTERSIL-ISL43240IAZ Datasheet
498Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switch
December 15, 2014
logo
Renesas Technology Corp
ISL43240 RENESAS-ISL43240 Datasheet
975Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switch
logo
Intersil Corporation
ISL43140 INTERSIL-ISL43140_04 Datasheet
505Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
logo
Renesas Technology Corp
ISL43143 RENESAS-ISL43143 Datasheet
990Kb / 16P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL43140 INTERSIL-ISL43140 Datasheet
432Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
ISL43143 INTERSIL-ISL43143 Datasheet
470Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com