전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL43145IV 데이터시트(PDF) 9 Page - Intersil Corporation

부품명 ISL43145IV
상세설명  Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43145IV 데이터시트(HTML) 9 Page - Intersil Corporation

Back Button ISL43145IV Datasheet HTML 5Page - Intersil Corporation ISL43145IV Datasheet HTML 6Page - Intersil Corporation ISL43145IV Datasheet HTML 7Page - Intersil Corporation ISL43145IV Datasheet HTML 8Page - Intersil Corporation ISL43145IV Datasheet HTML 9Page - Intersil Corporation ISL43145IV Datasheet HTML 10Page - Intersil Corporation ISL43145IV Datasheet HTML 11Page - Intersil Corporation ISL43145IV Datasheet HTML 12Page - Intersil Corporation ISL43145IV Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
FN6037.3
December 1, 2005
FIGURE 3A. MEASUREMENT POINTS
CL includes fixture and stray capacitance.
Reconfigure accordingly to test SW3 and SW4.
FIGURE 3B. TEST CIRCUIT
FIGURE 3. BREAK-BEFORE-MAKE TIME (ISL43145 ONLY)
Repeat test for all switches.
FIGURE 4. OFF ISOLATION TEST CIRCUIT
Repeat test for all switches.
FIGURE 5. RON TEST CIRCUIT
FIGURE 6. CROSSTALK TEST CIRCUIT
FIGURE 7. CAPACITANCE TEST CIRCUIT
Test Circuits and Waveforms (Continued)
90%
3V
0V
tD
0V
LOGIC
INPUT
SWITCH
OUTPUT
SWITCH
OUTPUT
90%
tD
0V
VOUT1
VOUT2
90%
90%
LOGIC
INPUT
IN1
COM1
RL1
CL1
VOUT1
300
35pF
COM2
RL2
CL2
VOUT2
300
35pF
NO1
NC2
GND
IN2
VNX
V+
C
C
V-
C
ANALYZER
RL
SIGNAL
GENERATOR
V+
C
0V or 2.4V
NO or NC
COM
IN
GND
C
V-
V+
C
0.8V or 2.4V
NO or NC
COM
IN
GND
VNX
V1
RON = V1/1mA
1mA
C
V-
0V or 2.4V
ANALYZER
V+
C
NO1 or NC1
SIGNAL
GENERATOR
RL
GND
IN2
COM1
IN2
50
0V or 2.4V
NO
COM2
NO2 or NC2
C
V-
CONNECTION
V+
GND
NO or NC
COM
IN
IMPEDANCE
ANALYZER
0V or 2.4V
V-
ISL43143, ISL43144, ISL43145


유사한 부품 번호 - ISL43145IV

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL43145IV INTERSIL-ISL43145IV Datasheet
470Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
ISL43145IV INTERSIL-ISL43145IV Datasheet
498Kb / 16P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
August 31, 2015
logo
Renesas Technology Corp
ISL43145IV RENESAS-ISL43145IV Datasheet
990Kb / 16P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL43145IVZ INTERSIL-ISL43145IVZ Datasheet
498Kb / 16P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
August 31, 2015
logo
Renesas Technology Corp
ISL43145IVZ RENESAS-ISL43145IVZ Datasheet
990Kb / 16P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
More results

유사한 설명 - ISL43145IV

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL43140 INTERSIL-ISL43140_04 Datasheet
505Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
logo
Renesas Technology Corp
ISL43143 RENESAS-ISL43143 Datasheet
990Kb / 16P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL43140 INTERSIL-ISL43140 Datasheet
432Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
logo
Renesas Technology Corp
ISL43140 RENESAS-ISL43140 Datasheet
1Mb / 17P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
logo
Intersil Corporation
ISL43143 INTERSIL-ISL43143 Datasheet
470Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
ISL43140IBZ INTERSIL-ISL43140IBZ Datasheet
580Kb / 17P
   Low-Voltage, Single and Dual Supply,High Performance, Quad SPST, Analog Switches
August 24, 2015
ISL43143IV INTERSIL-ISL43143IV Datasheet
498Kb / 16P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
August 31, 2015
ISL84521 INTERSIL-ISL84521 Datasheet
365Kb / 12P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
ISL8391IB INTERSIL-ISL8391IB Datasheet
344Kb / 12P
   Low-Voltage, Single and Dual Supply Quad SPST, Analog Switches
August 2004
logo
Renesas Technology Corp
ISL84521 RENESAS-ISL84521 Datasheet
700Kb / 13P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com