전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD4017BCM 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 CD4017BCM
상세설명  Decade Counter/Divider with 10 Decoded Outputs Divide-by-8 Counter/Divider with 8 Decoded Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4017BCM 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  CD4017BCM Datasheet HTML 1Page - Fairchild Semiconductor CD4017BCM Datasheet HTML 2Page - Fairchild Semiconductor CD4017BCM Datasheet HTML 3Page - Fairchild Semiconductor CD4017BCM Datasheet HTML 4Page - Fairchild Semiconductor CD4017BCM Datasheet HTML 5Page - Fairchild Semiconductor CD4017BCM Datasheet HTML 6Page - Fairchild Semiconductor CD4017BCM Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics (Note 4)
TA= 25°C, CL= 50 pF, RL= 200k, trCL and tfCL= 20 ns, unless otherwise specified
Note 4: AC Parameters are guaranteed by DC correlated testing.
AC Electrical Characteristics (Note 4)
TA = 25°C, CL = 50 pF, RL = 200k, trCL and tfCL = 20 ns, unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CLOCK OPERATION
tPHL, tPLH Propagation Delay Time Carry Out Line
VDD = 5V
415
800
ns
VDD = 10V
160
320
VDD = 15V
130
250
Carry Out Line
VDD = 5V
CL = 15 pF
240
480
ns
VDD = 10V
85
170
VDD = 15V
70
140
Decode Out Lines
VDD = 5V
500
1000
ns
VDD = 10V
200
400
VDD = 15V
160
320
tTLH, tTHL Transition Time Carry Out and Decode Out Lines
tTLH
VDD = 5V
200
360
ns
VDD = 10V
100
180
VDD = 15V
80
130
tTHL
VDD = 5V
100
200
ns
VDD = 10V
50
100
VDD = 15V
40
80
fCL
Maximum Clock Frequency
VDD = 5V
Measured with
1.0
2
MHz
VDD = 10V
Respect to Carry
2.5
5
VDD = 15V
Output Line
3.0
6
tWL, tWH
Minimum Clock Pulse Width
VDD = 5V
125
250
ns
VDD = 10V
45
90
VDD = 15V
35
70
trCL, tfCL
Clock Rise and Fall Time
VDD = 5V
20
µs
VDD = 10V
15
VDD = 15V
5
tSU
Minimum Clock Inhibit Data Setup Time
VDD = 5V
120
240
ns
VDD = 10V
40
80
VDD = 15V
32
65
CIN
Average Input Capacitance
57.5
pF
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RESET OPERATION
tPHL, tPLH
Propagation Delay Time
Carry Out Line
VDD = 5V
415
800
ns
VDD = 10V
160
320
VDD = 15V
130
250
Carry Out Line
VDD = 5V
240
480
ns
VDD = 10V
CL = 15 pF
85
170
VDD = 15V
70
140
Decode Out Lines
VDD = 5V
500
1000
ns
VDD = 10V
200
400
VDD = 15V
160
320
tW
Minimum Reset
VDD = 5V
200
400
ns
Pulse Width
VDD = 10V
70
140
VDD = 15V
55
110
tREM
Minimum Reset
VDD = 5V
75
150
ns
Removal Time
VDD = 10V
30
60
VDD = 15V
25
50


유사한 부품 번호 - CD4017BCM

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
CD4017BCM FAIRCHILD-CD4017BCM Datasheet
77Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs . Divide-by-8 Counter/Divider with 8 Decoded Outputs
CD4017BCM FAIRCHILD-CD4017BCM Datasheet
81Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs • Divide-by-8 Counter/Divider with 8 Decoded Outputs
Revised January 2004
CD4017BCMX FAIRCHILD-CD4017BCMX Datasheet
77Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs . Divide-by-8 Counter/Divider with 8 Decoded Outputs
More results

유사한 설명 - CD4017BCM

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC Datasheet
77Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs . Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
National Semiconductor ...
CD4017BM NSC-CD4017BM Datasheet
165Kb / 8P
   Decade Counter/Divider with 10 Decoded Outputs, Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC_V01 Datasheet
81Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs • Divide-by-8 Counter/Divider with 8 Decoded Outputs
Revised January 2004
logo
National Semiconductor ...
MM54HC4017 NSC-MM54HC4017 Datasheet
126Kb / 6P
   Decade Counter/Divider with 10 Decoded Outputs
logo
Texas Instruments
CD54HCT4017 TI-CD54HCT4017 Datasheet
122Kb / 9P
[Old version datasheet]   DECADE COUNTER/DIVIDER WITH TEN DECODED OUTPUTS
CD54HC4017F TI-CD54HC4017F Datasheet
215Kb / 12P
[Old version datasheet]   DECADE COUNTER/DIVIDER WITH TEN DECODED OUTPUTS
CD54HCT4017 TI1-CD54HCT4017_05 Datasheet
213Kb / 11P
[Old version datasheet]   DECADE COUNTER/DIVIDER WITH TEN DECODED OUTPUTS
logo
STMicroelectronics
HCF4017B STMICROELECTRONICS-HCF4017B Datasheet
377Kb / 11P
   DECADE COUNTER WITH 10 DECODED OUTPUTS
logo
Texas Instruments
CD74HC4017-EP TI1-CD74HC4017-EP Datasheet
618Kb / 15P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC DECADE COUNTER/DIVIDER WITH 10 DECODED OUTPUTS
logo
Micro Electronics
MMC4017 MICRO-ELECTRONICS-MMC4017 Datasheet
160Kb / 6P
   COUNTER/ DIVIDERS : 4017 DECADE COUNTER WITH 10 DECODED OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com