전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD4070BC 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 CD4070BC
상세설명  Quad 2-Input EXCLUSIVE-OR Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4070BC 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  CD4070BC Datasheet HTML 1Page - Fairchild Semiconductor CD4070BC Datasheet HTML 2Page - Fairchild Semiconductor CD4070BC Datasheet HTML 3Page - Fairchild Semiconductor CD4070BC Datasheet HTML 4Page - Fairchild Semiconductor CD4070BC Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2002 Fairchild Semiconductor Corporation
DS005976
www.fairchildsemi.com
October 1987
Revised April 2002
CD4070BC
Quad 2-Input EXCLUSIVE-OR Gate
General Description
The CD4070BC employs complementary MOS (CMOS)
transistors to achieve wide power supply operating range,
low power consumption, and high noise margin, the
CD4070BC provide basic functions used in the implemen-
tation of digital integrated circuit systems. The N- and P-
channel enhancement mode transistors provide a symmet-
rical circuit with output swing essentially equal to the supply
voltage. No DC power other than that caused by leakage
current is consumed during static condition. All inputs are
protected from damage due to static discharge by diode
clamps to VDD and VSS.
Features
s Wide supply voltage range:
3.0V to 15V
s High noise immunity: 0.45 VDD typ.
s Low power TTL compatibility:
Fan out of 2 driving 74L or 1 driving 74LS
s Pin compatible to CD4030A
Equivalent to MM74C86 and MC14070B
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Top View
Truth Table
Order Number
Package Number
Package Description
CD4070BCM
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
CD4070BCN
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Inputs
Outputs
AB
Y
LLL
LH
H
HL
H
HH
L


유사한 부품 번호 - CD4070BC

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
CD4070BC NSC-CD4070BC Datasheet
121Kb / 6P
   Quad 2-Input EXCLUSIVE-OR, NOR Gate
logo
Fairchild Semiconductor
CD4070BC FAIRCHILD-CD4070BC Datasheet
53Kb / 5P
   Quad 2-Input EXCLUSIVE-OR Gate
logo
National Semiconductor ...
CD4070BCM NSC-CD4070BCM Datasheet
121Kb / 6P
   Quad 2-Input EXCLUSIVE-OR, NOR Gate
logo
Fairchild Semiconductor
CD4070BCM FAIRCHILD-CD4070BCM Datasheet
53Kb / 5P
   Quad 2-Input EXCLUSIVE-OR Gate
logo
National Semiconductor ...
CD4070BCN NSC-CD4070BCN Datasheet
121Kb / 6P
   Quad 2-Input EXCLUSIVE-OR, NOR Gate
More results

유사한 설명 - CD4070BC

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LV86 NXP-74LV86 Datasheet
96Kb / 15P
   Quad 2-input exclusive-OR gate
Rev. 03-27 November 2007
logo
Fairchild Semiconductor
74AC86PC FAIRCHILD-74AC86PC Datasheet
98Kb / 7P
   Quad 2-Input Exclusive-OR Gate
logo
Motorola, Inc
SN54LS386 MOTOROLA-SN54LS386 Datasheet
120Kb / 4P
   QUAD 2-INPUT EXCLUSIVE-OR GATE
logo
NXP Semiconductors
74HC86 PHILIPS-74HC86 Datasheet
34Kb / 6P
   Quad 2-input EXCLUSIVE-OR gate
December 1990
logo
Fairchild Semiconductor
DM74LS86 FAIRCHILD-DM74LS86 Datasheet
61Kb / 5P
   Quad 2-Input Exclusive-OR Gate
logo
Unisonic Technologies
U74LVC86A UTC-U74LVC86A_15 Datasheet
200Kb / 6P
   QUAD 2-INPUT EXCLUSIVE OR GATE
logo
Nexperia B.V. All right...
74HCT86-Q100 NEXPERIA-74HCT86-Q100 Datasheet
226Kb / 12P
   Quad 2-input EXCLUSIVE-OR gate
Rev. 3 - 10 March 2021
logo
NXP Semiconductors
74LV86 PHILIPS-74LV86 Datasheet
103Kb / 10P
   Quad 2-input EXCLUSIVE-OR gate
1998 Apr 20
logo
System Logic Semiconduc...
SL74LS86 SLS-SL74LS86 Datasheet
29Kb / 3P
   Quad 2-Input Exclusive OR Gate
logo
Fairchild Semiconductor
MM74HC86 FAIRCHILD-MM74HC86 Datasheet
81Kb / 7P
   Quad 2-Input Exclusive OR Gate
logo
Hitachi Semiconductor
HD74AC86 HITACHI-HD74AC86 Datasheet
43Kb / 7P
   Quad 2-Input Exclusive-OR-Gate
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com