전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL29000IROZ-T7 데이터시트(PDF) 5 Page - Intersil Corporation

부품명 ISL29000IROZ-T7
상세설명  Ambient Light Photo Detect IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29000IROZ-T7 데이터시트(HTML) 5 Page - Intersil Corporation

  ISL29000IROZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL29000IROZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL29000IROZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL29000IROZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL29000IROZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL29000IROZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL29000IROZ-T7 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
FN6117.4
February 9, 2007
Application Examples
The following examples present from fully automatic to fully
manual override implementations. These guidelines are
applicable to a wide variety of potential light control
applications. The ISL29000 can be used to control the
brightness input of CCFL inverters. Likewise it can interface
well with LED drivers. In each specific application, it is
important to recognize the target environment and its
ambient light conditions. The mechanical mounting of the
sensor, light aperture hole size and use of a light pipe or
bezel are critical in determining the response of the
ISL29000 for a given exposure of light.
The example in Figure 9 shows a fully automatic dimming
solution with no user interaction. Choose R1 and R2 values
for any desired minimum brightness and slope. Choose C1
to adjust response time and to filter 50/60Hz room lighting.
For example, suppose you wish to generate an output
voltage from 0.25V to 1.25V to drive the input of an LED
driver controller. The 0.25V represents the minimum LED
brightness and 1.25V represents the maximum. The 1st step
would be to determine the ratio of R1 and R2:
Next, the value of R2 can be calculated based on the
maximum output current coming from the ISL29000 under
the application's maximum light exposure. Suppose the
current has been determined to be about 125µA. Thus, R2
can be calculated approximately using Equations 5 and 6:
and
In Figure 10, user adjustable bias control has been added to
allow control over the minimum and maximum output
voltage. This allows the user to adjust the output brightness
to personal preference over a limit range via the 3V PWM
control.
Figure 11 shows how a fully manual override can be quickly
added by using the EN pin.
TABLE 1. VDD = 5V, MAXIMUM OUTPUT VOLTAGE = 4.7V
ILLUMINATION RANGE
(LUX)
RLOAD
(k
Ω)
CURRENT OUT
(µA)
0 to 10
7830
0 to 0.6
0 to 200
392
0 to 12
0 to 500
157
0 to 30
0 to 1,000
80
0 to 60
0 to 10,000
8.00
0 to 600
R
1
R
2
3.0V
0.25V
----------------
1
⎝⎠
⎛⎞
×
11
R
2
×
==
(EQ. 4)
3V TO 5V
SUPPLY VOLTAGE
3V DC VOLTAGE
ISL29000
OUT
EN
GND
VDO
C1
R1
R2
FIGURE 9. AUTOMATIC DIMMING SOLUTION
10k
25µF
110k
TO INVERTER BRIGHTNESS
INPUT OR LED DRIVER
CONTROLLER
R
2
1.25V
125
μA
------------------
⎝⎠
⎛⎞
10k
Ω
==
(EQ. 5)
R
1
11
R
2
×
110k
Ω
==
(EQ. 6)
3V TO 5V
SUPPLY VOLTAGE
3V PWM CONTROL
ISL29000
OUT
EN
GND
VDO
FIGURE 10. AUTOMATIC DIMMING SOLUTION WITH
ADJUSTABLE BIAS CONTROL
C1
R1
R2
10k
25µF
110k
TO INVERTER BRIGHTNESS
INPUT OR LED DRIVER
CONTROLLER
3V TO 5V
SUPPLY VOLTAGE
3V PWM CONTROL
ISL29000
OUT
EN
GND
VDO
FIGURE 11. AUTOMATIC DIMMING SOLUTION WITH
ADJUSTABLE BIAS CONTROL AND MANUAL
OVERRIDE
ENABLE/
CONTROL
DISABLE
C1
R1
R2
10k
25µF
110k TO INVERTER
BRIGHTNESS
INPUT OR LED
DRIVER
CONTROLLER
ISL29000


유사한 부품 번호 - ISL29000IROZ-T7

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL29000IROZ-T7 INTERSIL-ISL29000IROZ-T7 Datasheet
157Kb / 7P
   Ambient Light Photo Detect IC
logo
Renesas Technology Corp
ISL29000IROZ-T7 RENESAS-ISL29000IROZ-T7 Datasheet
410Kb / 7P
   Ambient Light Photo Detect IC
More results

유사한 설명 - ISL29000IROZ-T7

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
EL7900 INTERSIL-EL7900 Datasheet
177Kb / 8P
   Ambient Light Photo Detect IC
logo
Renesas Technology Corp
ISL29000 RENESAS-ISL29000 Datasheet
410Kb / 7P
   Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29000 INTERSIL-ISL29000 Datasheet
157Kb / 7P
   Ambient Light Photo Detect IC
EL7900 INTERSIL-EL7900_07 Datasheet
164Kb / 7P
   Ambient Light Photo Detect IC
logo
Renesas Technology Corp
EL7900 RENESAS-EL7900 Datasheet
448Kb / 8P
   Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29101 INTERSIL-ISL29101 Datasheet
634Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
ISL29101IROZ-T7 INTERSIL-ISL29101IROZ-T7 Datasheet
576Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
November 5, 2012
logo
Renesas Technology Corp
ISL29006 RENESAS-ISL29006 Datasheet
973Kb / 12P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
ISL29101 RENESAS-ISL29101 Datasheet
803Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29006 INTERSIL-ISL29006 Datasheet
709Kb / 11P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com