전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DM74ALS874B 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 DM74ALS874B
상세설명  Dual 4-Bit D-Type Edge-Triggered Flip-Flop with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS874B 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  DM74ALS874B Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS874B Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS874B Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS874B Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS874B Datasheet HTML 5Page - Fairchild Semiconductor DM74ALS874B Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Note 2: The (
↑) arrow indicates the positive edge of the Clock is used for reference.
Supply Voltage
7V
Input Voltage
7V
Voltage Applied to Disabled Output
5.5V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Typical
θ
JA
N Package
51.0
°C/W
M Package
86.5
°C/W
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.5
5
5.5
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−2.6
mA
IOL
LOW Level Output Current
24
mA
fCLK
Clock Frequency
0
30
MHz
tWCLK
Width of Clock Pulse
HIGH
16.5
ns
LOW
16.5
ns
tWCLR
Width of Clear Pulse
LOW
10
ns
tSU
Data Setup Time (Note 2)
15
ns
tH
Data Hold Time (Note 2)
0
ns
tSU
Clear Inactive
12
ns
TA
Free Air Operating Temperature
0
70
°C


유사한 부품 번호 - DM74ALS874B

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
DM74ALS874B FAIRCHILD-DM74ALS874B Datasheet
56Kb / 6P
   Dual 4-Bit D-Type Edge-Triggered Flip-Flop with 3-STATE Outputs
DM74ALS874BNT FAIRCHILD-DM74ALS874BNT Datasheet
56Kb / 6P
   Dual 4-Bit D-Type Edge-Triggered Flip-Flop with 3-STATE Outputs
DM74ALS874BWM FAIRCHILD-DM74ALS874BWM Datasheet
56Kb / 6P
   Dual 4-Bit D-Type Edge-Triggered Flip-Flop with 3-STATE Outputs
More results

유사한 설명 - DM74ALS874B

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
DM74ALS874B FAIRCHILD-DM74ALS874B Datasheet
56Kb / 6P
   Dual 4-Bit D-Type Edge-Triggered Flip-Flop with 3-STATE Outputs
logo
Texas Instruments
74AC11874 TI1-74AC11874 Datasheet
115Kb / 7P
[Old version datasheet]   DUAL 4-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH32374A TI-SN74LVCH32374A Datasheet
131Kb / 9P
[Old version datasheet]   32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVCH162374 TI-SN74ALVCH162374_04 Datasheet
318Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC16374 TI-SN74LVC16374 Datasheet
97Kb / 6P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AVC16374 TI-SN74AVC16374_06 Datasheet
369Kb / 18P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH16374A TI1-SN74LVCH16374A_14 Datasheet
918Kb / 24P
[Old version datasheet]   16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs
SN74AUC16374 TI-SN74AUC16374 Datasheet
299Kb / 12P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH16374A TI-SN74LVCH16374A_07 Datasheet
392Kb / 18P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AUC32374 TI1-SN74AUC32374 Datasheet
412Kb / 13P
[Old version datasheet]   32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com