전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL28278 데이터시트(PDF) 5 Page - Intersil Corporation

부품명 ISL28278
상세설명  Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28278 데이터시트(HTML) 5 Page - Intersil Corporation

  ISL28278 Datasheet HTML 1Page - Intersil Corporation ISL28278 Datasheet HTML 2Page - Intersil Corporation ISL28278 Datasheet HTML 3Page - Intersil Corporation ISL28278 Datasheet HTML 4Page - Intersil Corporation ISL28278 Datasheet HTML 5Page - Intersil Corporation ISL28278 Datasheet HTML 6Page - Intersil Corporation ISL28278 Datasheet HTML 7Page - Intersil Corporation ISL28278 Datasheet HTML 8Page - Intersil Corporation ISL28278 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
FN6145.1
September 28, 2006
FIGURE 5. AVOL vs FREQUENCY @ 100kΩ LOAD
FIGURE 6. AVOL vs FREQUENCY @ 1kΩ LOAD
FIGURE 7. PSRR vs FREQUENCY
FIGURE 8. CMRR vs FREQUENCY
FIGURE 9. SMALL SIGNAL TRANSIENT RESPONSE
FIGURE 10. LARGE SIGNAL TRANSIENT RESPONSE
Typical Performance Curves (Continued)
-80
40
120
80
-40
0
11k
100k
10M
FREQUENCY (Hz)
10
-120
80
40
0
-40
-80
10k
1M
100
-20
0
20
80
100
40
60
10
10k
1M
FREQUENCY (Hz)
100
-150
200
150
100
50
0
-50
-100
100k
1k
PHASE
GAIN
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
10
100
1k
10k
100k
PSRR (dB)
PSRR +
PSRR -
VSOURCE = 1Vp-p
RL = 10kΩ
VS = 5VDC
AV = +1
1M
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
10
TEMPERATURE (°C)
0
VSOURCE = 1Vp-p
RL = 10kΩ
VS = ±2.5VDC
10
100
1k
10k
100k
1M
2.42
2.46
2.48
2.50
2.52
2.54
2.56
0
2
4
6
8
10
12
14
16
18
20
2.44
VIN
VOUT = 0.1Vp-p
RL = 1kΩ
VS = 5VDC
AV = +1
TIME (µs)
VOUT
VIN
VOUT
0
50
100
150
200
250
VOUT = 2Vp-p
RL = 1kΩ
VS = 5VDC
AV = -2
0
1.0
2.0
3.0
5.0
4.0
TIME (µs)
ISL28278, ISL28478


유사한 부품 번호 - ISL28278

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28278FAZ INTERSIL-ISL28278FAZ Datasheet
496Kb / 13P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
ISL28278 INTERSIL-ISL28278_07 Datasheet
496Kb / 13P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
More results

유사한 설명 - ISL28278

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28286 INTERSIL-ISL28286 Datasheet
516Kb / 15P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
ISL28288 INTERSIL-ISL28288 Datasheet
514Kb / 12P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
EL8178 INTERSIL-EL8178_07 Datasheet
773Kb / 12P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
EL8178 RENESAS-EL8178 Datasheet
1Mb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Intersil Corporation
EL8178 INTERSIL-EL8178_08 Datasheet
804Kb / 15P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
ISL28286 RENESAS-ISL28286 Datasheet
893Kb / 14P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 28, 2007
logo
Intersil Corporation
ISL28176 INTERSIL-ISL28176 Datasheet
972Kb / 19P
   Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
ISL28176 RENESAS-ISL28176 Datasheet
1Mb / 19P
   Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 23, 2009
ISL28288 RENESAS-ISL28288 Datasheet
1Mb / 20P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op Amp
logo
Intersil Corporation
ISL28278 INTERSIL-ISL28278_07 Datasheet
496Kb / 13P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com