전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL28156FBZ-T7 데이터시트(PDF) 5 Page - Intersil Corporation

부품명 ISL28156FBZ-T7
상세설명  39uA Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28156FBZ-T7 데이터시트(HTML) 5 Page - Intersil Corporation

  ISL28156FBZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL28156FBZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL28156FBZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL28156FBZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL28156FBZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL28156FBZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL28156FBZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL28156FBZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL28156FBZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
FN6154.2
February 27, 2007
FIGURE 5. GAIN vs FREQUENCY vs VOUT
FIGURE 6. GAIN vs FREQUENCY vs VOUT
FIGURE 7. GAIN vs FREQUENCY vs VOUT
FIGURE 8. CMRR vs FREQUENCY
FIGURE 9. PSRR vs FREQUENCY; VS = 2.4V
FIGURE 10. PSRR vs FREQUENCY; VS = 5V
Typical Performance Curves (Continued)
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
FREQUENCY (Hz)
VOUT = 100mV
VOUT = 10mV
VOUT = 50mV
VOUT = 1V
AV = 1
RL = 1k
CL = 16.3pF
1k
10k
100k
1M
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
FREQUENCY (Hz)
VOUT = 100mV
VOUT = 10mV
VOUT = 50mV
VOUT = 1V
AV = 1
RL = 10k
CL = 16.3pF
1k
10k
100k
1M
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
FREQUENCY (Hz)
VOUT = 100mV
VOUT = 10mV
VOUT = 50mV
VOUT = 1V
AV = 1
RL = 100k
CL = 16.3pF
1k
10k
100k
1M
-70
-60
-50
-40
-30
-20
-10
0
10
FREQUENCY (Hz)
VS = 5V
AV = 1
RL = 10k
VCM = 1VPP
VS = 2.4V
CL = 16.3pF
AV = 1
RL = 10k
VCM = 1VPP
CL = 16.3pF
1k
10k
100k
1M
100
-80
-70
-60
-50
-40
-30
-20
-10
0
10
FREQUENCY (Hz)
PSRR-
PSRR+
AV = 1
RL = 1k
VOUT = 1VPP
CL = 16.3pF
VS = 2.4V
1k
10k
100k
1M
100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
FREQUENCY (Hz)
PSRR-
PSRR+
AV = 1
RL = 1k
VOUT = 1VPP
CL = 16.3pF
VS =5V
1k
10k
100k
1M
100
ISL28156, ISL28256


유사한 부품 번호 - ISL28156FBZ-T7

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28156FBZ-T7 INTERSIL-ISL28156FBZ-T7 Datasheet
820Kb / 13P
   39關A Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28156FBZ-T7 INTERSIL-ISL28156FBZ-T7 Datasheet
826Kb / 13P
   Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28156FBZ-T7 RENESAS-ISL28156FBZ-T7 Datasheet
1Mb / 13P
   39μA Micropower Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amp
January 16, 2014
More results

유사한 설명 - ISL28156FBZ-T7

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28166 INTERSIL-ISL28166 Datasheet
793Kb / 12P
   39uA Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28156 INTERSIL-ISL28156_08 Datasheet
820Kb / 13P
   39關A Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28158 INTERSIL-ISL28158_08 Datasheet
870Kb / 17P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28158 RENESAS-ISL28158 Datasheet
1Mb / 19P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Intersil Corporation
ISL28166_0808 INTERSIL-ISL28166_0808 Datasheet
836Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28166 INTERSIL-ISL28166_08 Datasheet
824Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
logo
Renesas Technology Corp
ISL28156 RENESAS-ISL28156 Datasheet
1Mb / 13P
   39μA Micropower Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amp
January 16, 2014
logo
Intersil Corporation
ISL28138 INTERSIL-ISL28138 Datasheet
861Kb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
logo
Renesas Technology Corp
ISL28138 RENESAS-ISL28138 Datasheet
1Mb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
February 19, 2008
ISL28166 RENESAS-ISL28166 Datasheet
965Kb / 11P
   39μA Micropower Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amp
January 16, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com