전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN1585A 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 FAN1585A
상세설명  5A Adjustable/Fixed Low Dropout Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1585A 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  FAN1585A_05 Datasheet HTML 1Page - Fairchild Semiconductor FAN1585A_05 Datasheet HTML 2Page - Fairchild Semiconductor FAN1585A_05 Datasheet HTML 3Page - Fairchild Semiconductor FAN1585A_05 Datasheet HTML 4Page - Fairchild Semiconductor FAN1585A_05 Datasheet HTML 5Page - Fairchild Semiconductor FAN1585A_05 Datasheet HTML 6Page - Fairchild Semiconductor FAN1585A_05 Datasheet HTML 7Page - Fairchild Semiconductor FAN1585A_05 Datasheet HTML 8Page - Fairchild Semiconductor FAN1585A_05 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
FAN1585A
PRODUCT SPECIFICATION
2
REV. 1.1.6 7/8/05
Pin Assignments
*With package soldered to 0.5 square inch copper area over backside ground plane or internal power plane,
θJA can vary from
30°C/W to more than 40°C/W. Other mounting techniques can provide a thermal resistance lower than 30°C/W.
Absolute Maximum Ratings
Absolute Maximum Safe Operating Area
Parameter
Min.
Max.
Unit
VIN
18
V
Operating Junction Temperature Range
0
125
°C
Storage Temperature Range
-65
150
°C
Lead Temperature (Soldering, 10 sec.)
300
°C
3-Lead Plastic TO-220
θJC = 3°C/W
3-Lead Plastic TO-252
θJC = 3°C/W
ADJ/
GND
FRONT VIEW
3-Lead Plastic TO-263
θJC = 3°C/W*
IN
12
3
ADJ/
GND
OUT
OUT
FRONT VIEW
FRONT VIEW
IN
12
3
ADJ/
GND
FRONT VIEW
3-Lead Plastic TO-263 Center Cut
θJC = 3°C/W*
IN
Tab is Out.
Tab is Out.
Tab is Out.
12
3
Tab is VOUT
1
ADJ/
GND
OUT
IN
23
VIN–VOUT (V)
02
4
6
8
12
10
14
7
6
5
4
3
2
1
0


유사한 부품 번호 - FAN1585A_05

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN1585AM15X FAIRCHILD-FAN1585AM15X Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1585AM18X FAIRCHILD-FAN1585AM18X Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1585AMC15X FAIRCHILD-FAN1585AMC15X Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1585AMC18X FAIRCHILD-FAN1585AMC18X Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1585AMCX FAIRCHILD-FAN1585AMCX Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
More results

유사한 설명 - FAN1585A_05

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1084 ETL-UZ1084 Datasheet
204Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1585 FAIRCHILD-RC1585 Datasheet
96Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1084 UTC-UZ1084_09 Datasheet
192Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1084 UTC-UZ1084_12 Datasheet
209Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1084 UTC-UZ1084_V01 Datasheet
231Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1581 FAIRCHILD-FAN1581 Datasheet
85Kb / 13P
   5A Adjustable/Fixed Ultra Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G1084 GMT-G1084_07 Datasheet
344Kb / 11P
   5A Adjustable Low-Dropout Linear Regulator
G1084 GMT-G1084_15 Datasheet
35Kb / 1P
   5A Adjustable Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com