전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL4089IBZ 데이터시트(PDF) 6 Page - Intersil Corporation

부품명 ISL4089IBZ
상세설명  DC-Restored Video Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL4089IBZ 데이터시트(HTML) 6 Page - Intersil Corporation

  ISL4089IBZ Datasheet HTML 1Page - Intersil Corporation ISL4089IBZ Datasheet HTML 2Page - Intersil Corporation ISL4089IBZ Datasheet HTML 3Page - Intersil Corporation ISL4089IBZ Datasheet HTML 4Page - Intersil Corporation ISL4089IBZ Datasheet HTML 5Page - Intersil Corporation ISL4089IBZ Datasheet HTML 6Page - Intersil Corporation ISL4089IBZ Datasheet HTML 7Page - Intersil Corporation ISL4089IBZ Datasheet HTML 8Page - Intersil Corporation ISL4089IBZ Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
FN6192.1
June 28, 2006
Figure 12A illustrates the AC test circuit used to operate the
video amplifier into a 150
Ω load while providing a 50Ω
matched impedance. Figure 12B illustrates the test circuit for
impedance matching to 75
Ω test equipment.
Application Information
General
The ISL4089 implements the video DC-restore function
using a high performance gain adjustable video amplifier
and a nulling, sample-hold amplifier to establish a user
defined DC reference voltage at the video amplifier output. A
detailed description of the DC-restore function implemented
in the ISL4089 can be found in application note AN1089,
EL4089 and EL4390 DC-Restored Video Amplifier. The
ISL4089 performs the same function with the exception that
it is designed for single supply operation.
Video Amplifier Operation (Figure 13)
The ISL4089 video amplifier (A1) is voltage-feed, high
performance video amplifier designed for +5V operation.
The output stage is capable of swinging to within 10mV of
the negative rail. The differential input stage contains an
internal voltage reference that positions the non-inverting
input DC level (V1) to ~1.2V higher than the negative supply
rail. This offset ensures that the amplifier input DC level is
maintained within the common mode input voltage range.
The amplifier non-inverting gain is given in Equation 1.
DC-Restore Amplifier (Figure 13)
The DC-restore circuit contains a voltage reference amplifier
and an analog switch function that closes the DC-restore
loop under control of the HOLD logic input. The reference
amplifier uses an internal 10mV offset voltage (V2) to enable
the VREF input to sense down to the negative supply. The A2
amplifier output stage operates in a current-feed mode with a
source/sink capability of ±300µA (Typ).
A logic “0” at the HOLD input closes switch S1 which closes
the DC-restore loop. The video input AC coupling capacitor,
CX1, acts as a DC hold capacitor (through the 75
termination resistor RX1) to average the current-source
output of amplifier A2. When the DC-restore loop has
reached equilibrium, the DC voltage stored on CX1 will the
value required to force the output voltages at A1 (VOUT) and
A2 (VIN+) according to the following:
and; the DC voltage at the non-inverting input of the video
amplifier A1 is given in Equation 3:
Therefore, if VREF is set to 0V (GND); VOUT = 10mV, and
the DC voltage stored on CX1 is ~1.2V.
The CX1 capacitor value is chosen from the system
requirements. A typical DC-restore application using the
horizontal sync to drive the HOLD pin will result in a 62µs
hold time. The typical input bias current to the video amplifier
is 1.2µA, so for a 62µs hold time, and a 0.01µF capacitor, the
output voltage drift is 7.5mV in one line. The restore amplifier
can provide a typical current of 300µA to charge capacitor
CX1, so with a 1.2µs sampling time, the output can be
corrected by 36mV in each line.
Using a smaller value of CX1 increases both the voltage that
can be corrected, as well as the droop while being held.
Likewise, using a larger value of CX1, reduces the correction
and droop voltages. A sample of charging and droop rates
are shown on the following table.
AC Test Circuits
FIGURE 12A. VIDEO AMPLIFIER AC TEST CIRCUIT FOR 50
FIGURE 12B. BACKTERMINATED TEST CIRCUIT FOR VIDEO
CABLE APPLICATION.
RS
CL
VIN
TEST
86.6
50
118
RG
RF
EQUIPMENT
50
+
-
1. HOLD INPUT = 1
RS
CL
VIN
TEST
75
75
RG
RF
EQUIPMENT
75
+
-
1. HOLD INPUT = 1
V
OUT
V
IN+
1.2V
()
1
R
F
R
G
--------
+
⎝⎠
⎜⎟
⎛⎞
=
(EQ. 1)
TABLE OF CHARGE STORAGE CAPACITOR VS DROOP
CHARGING RATES (NOTE)
CAP VALUE
(if)
DROOP IN
62µs
(mV)
CHARGE IN
1.2µs
(mV)
CHARGE IN
4µs
(mV)
10
7.5
36
120
33
2.3
11
36
100
0.75
3.6
12
NOTE: Basic formulae are: V (droop) = Ib+ * (Line time - Sample
time)/Capacitor and V (charge) = IOUT * Sample time/Capacitor
V
OUT(DC)
V
REF
10mV
+
=
(EQ. 2)
V
IN+
V
OUT(DC)
1.2V
+
=
(EQ. 3)
ISL4089


유사한 부품 번호 - ISL4089IBZ

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL4089IBZ RENESAS-ISL4089IBZ Datasheet
608Kb / 10P
   DC-Restored Video Amplifier
ISL4089IBZ-T7 RENESAS-ISL4089IBZ-T7 Datasheet
608Kb / 10P
   DC-Restored Video Amplifier
More results

유사한 설명 - ISL4089IBZ

제조업체부품명데이터시트상세설명
logo
Elantec Semiconductor
EL4089C ELANTEC-EL4089C Datasheet
211Kb / 8P
   DC Restored Video Amplifier
logo
Intersil Corporation
EL4089 INTERSIL-EL4089 Datasheet
129Kb / 9P
   DC Restored Video Amplifier
logo
Renesas Technology Corp
ISL4089 RENESAS-ISL4089 Datasheet
608Kb / 10P
   DC-Restored Video Amplifier
EL4089 RENESAS-EL4089 Datasheet
579Kb / 9P
   DC Restored Video Amplifier
July 1998
logo
Intersil Corporation
EL2090 INTERSIL-EL2090 Datasheet
149Kb / 11P
   100MHz DC-Restored Video Amplifier
EL4093 INTERSIL-EL4093 Datasheet
379Kb / 12P
   300MHz DC-Restored Video Amplifier
logo
Renesas Technology Corp
EL4093 RENESAS-EL4093 Datasheet
878Kb / 12P
   300MHz DC-Restored Video Amplifier
logo
Elantec Semiconductor
EL2090C ELANTEC-EL2090C Datasheet
260Kb / 12P
   100 MHz DC-Restored Video Amplifier
EL4093C ELANTEC-EL4093C Datasheet
342Kb / 16P
   300 MHz DC-Restored Video Amplifier
logo
Intersil Corporation
ISL59451 INTERSIL-ISL59451 Datasheet
1Mb / 17P
   Triple 4:1 DC Restored Single Supply Video Multiplexing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com