전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL41387 데이터시트(PDF) 6 Page - Intersil Corporation

부품명 ISL41387
상세설명  짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL41387 데이터시트(HTML) 6 Page - Intersil Corporation

Back Button ISL41387 Datasheet HTML 2Page - Intersil Corporation ISL41387 Datasheet HTML 3Page - Intersil Corporation ISL41387 Datasheet HTML 4Page - Intersil Corporation ISL41387 Datasheet HTML 5Page - Intersil Corporation ISL41387 Datasheet HTML 6Page - Intersil Corporation ISL41387 Datasheet HTML 7Page - Intersil Corporation ISL41387 Datasheet HTML 8Page - Intersil Corporation ISL41387 Datasheet HTML 9Page - Intersil Corporation ISL41387 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
6
FN6201.1
December 20, 2005
/
Typical Operating Circuit
RS-232 MODE WITHOUT LOOPBACK
RS-485 MODE WITHOUT LOOPBACK
RS-232 MODE WITH LOOPBACK
RS-485 MODE WITH LOOPBACK
18
VCC
Y
Z
DY
DZ
0.1
µF
+
0.1
µF
+
0.1
µF
15
14
6
7
1
2
3
11
V+
V-
C1+
C1-
C2+
C2-
+
0.1
µF
20
19
RA
A
4
5k
RB
B
516
5k
C1
C2
+ C3
C4
RXEN
12
GND
+5V
+
0.1
µF
10
485/232
ON
813
VCC
VCC
DEN
9
VCC
NOTE: PINOUT FOR SOIC AND SSOP
17
R
R
D
D
18
VCC
Y
Z
DY
SLEW
0.1
µF
+
0.1
µF
+
0.1
µF
15
14
6
7
1
2
3
11
V+
V-
C1+
C1-
C2+
C2-
+
0.1
µF
20
19
RA
A
4
RB
B
5
16
C1
C2
+ C3
C4
RXEN
12
GND
+5V
+
0.1
µF
10
485/232
ON
813
VCC
VCC
DEN
9
VCC
NOTE: PINOUT FOR SOIC AND SSOP
17
D
R
VCC
18
VCC
Y
Z
DY
DZ
0.1
µF
+
0.1
µF
+
0.1
µF
15
14
6
7
1
2
3
11
V+
V-
C1+
C1-
C2+
C2-
+
0.1
µF
20
19
RA
RB
16
C1
C2
+ C3
C4
RXEN
12
GND
+5V
+
0.1
µF
10
485/232
ON
8
13
VCC
DEN
9
VCC
NOTE: PINOUT FOR SOIC AND SSOP
17
D
D
5k
5k
A1
4
B1
5
LB
Rx
R
R
18
VCC
Y
Z
DY
SLEW
0.1
µF
+
0.1
µF
+
0.1
µF
15
14
6
7
1
2
3
11
V+
V-
C1+
C1-
C2+
C2-
+
0.1
µF
20
19
RA
RB
16
C1
C2
+ C3
C4
RXEN
12
GND
+5V
+
0.1
µF
10
485/232
ON
8
13
VCC
DEN
9
VCC
NOTE: PINOUT FOR SOIC AND SSOP
17
D
R
VCC
LB
Rx
A
4
B
5
ISL81387, ISL41387


유사한 부품 번호 - ISL41387

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL41387 INTERSIL-ISL41387 Datasheet
998Kb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
ISL41387 INTERSIL-ISL41387 Datasheet
210Kb / 4P
   World?셲 Most Power-Effi cient
ISL41387 INTERSIL-ISL41387 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL41387 RENESAS-ISL41387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL41387 INTERSIL-ISL41387 Datasheet
1Mb / 27P
   ±15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
June 9, 2014
More results

유사한 설명 - ISL41387

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL3330 RENESAS-ISL3330 Datasheet
1Mb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL3330 INTERSIL-ISL3330 Datasheet
950Kb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol RS-232/RS-485 Transceivers
logo
Renesas Technology Corp
ISL81387 RENESAS-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387_07 Datasheet
998Kb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
logo
Renesas Technology Corp
ISL33334E RENESAS-ISL33334E Datasheet
1Mb / 23P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL33354E RENESAS-ISL33354E Datasheet
1Mb / 23P
   5V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL3332 RENESAS-ISL3332 Datasheet
1Mb / 26P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL81334 INTERSIL-ISL81334_07 Datasheet
1,006Kb / 28P
   짹15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL3332 INTERSIL-ISL3332 Datasheet
951Kb / 26P
   3.3V, 짹15kV ESD Protected, Two Port, Dua Protocol RS-232/RS-485 Transceivers
ISL3330IAZ INTERSIL-ISL3330IAZ Datasheet
947Kb / 25P
   3.3V, ±15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
May 20, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com