전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL59482IRZ 데이터시트(PDF) 11 Page - Intersil Corporation

부품명 ISL59482IRZ
상세설명  Dual, 500MHz Triple, Multiplexing Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59482IRZ 데이터시트(HTML) 11 Page - Intersil Corporation

Back Button ISL59482IRZ Datasheet HTML 6Page - Intersil Corporation ISL59482IRZ Datasheet HTML 7Page - Intersil Corporation ISL59482IRZ Datasheet HTML 8Page - Intersil Corporation ISL59482IRZ Datasheet HTML 9Page - Intersil Corporation ISL59482IRZ Datasheet HTML 10Page - Intersil Corporation ISL59482IRZ Datasheet HTML 11Page - Intersil Corporation ISL59482IRZ Datasheet HTML 12Page - Intersil Corporation ISL59482IRZ Datasheet HTML 13Page - Intersil Corporation ISL59482IRZ Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
FN6209.2
December 22, 2006
Application Information
General
The ISL59482 is ideal as the matrix element of high
performance switchers and routers. Key features include
internal fixed gain of 2, high impedance buffered analog
inputs and excellent AC performance at output loads down
to 150
Ω for video cable-driving. The current feedback output
amplifiers are stable operating into capacitive loads.
Ground Connections
For the best isolation and crosstalk rejection, all GND pins
must connect to the GND plane.
Power-up Considerations
The ESD protection circuits use internal diodes from all pins the
V+ and V- supplies. In addition, a dV/dT- triggered clamp is
connected between the V+ and V- pins, as shown in the
Equivalent Circuits 1 through 4 section of the Pin Description
table. The dV/dT triggered clamp imposes a maximum supply
turn-on slew rate of 1V/µs. Damaging currents can flow for
power supply rates-of-rise in excess of 1V/µs, such as during
hot plugging. Under these conditions, additional methods
should be employed to ensure the rate of rise is not exceeded.
Consideration must be given to the order in which power is
applied to the V+ and V- pins, as well as analog and logic
input pins. Schottky diodes (Motorola MBR0550T or
equivalent) connected from V+ to ground and V- to ground
(Figure 28) will shunt damaging currents away from the
internal V+ and V- ESD diodes in the event that the V+
supply is applied to the device before the V- supply. One
Schottky can be used to protect both V+ power supply pins,
and a second for the protection of both V- pins.
If positive voltages are applied to the logic or analog video
input pins before V+ is applied, current will flow through the
internal ESD diodes to the V+ pin. The presence of large
decoupling capacitors and the loading effect of other circuits
connected to V+, can result in damaging currents through
the ESD diodes and other active circuits within the device.
Therefore, adequate current limiting on the digital and
analog inputs is needed to prevent damage during the time
the voltages on these inputs are more positive than V+.
HIZ State
Each internal 4:1 triple MUX-amp has a three-state output
control pin (HIZ1 and HIZ2). Each has a an internal pull-
down resistor to set the output to the enabled state with no
connection to the HIZ pin. The HIZ state is established within
approximately 20ns by placing a logic high (>2V) on the HIZ
pin. If the HIZ state is selected, the output is a high
impedance 1.4M
Ω with approximately 1.5pF in parallel with
a 10
μA bias current from the output. When more than one
MUX shares a common output, the high impedance state
loading effect is minimized over the maximum output voltage
swing and maintains its high Z even in the presence of high
slew rates. The supply current during this state is the same
as the active state.
EN and Power-down States
The EN pin is active low. An internal pull-down resistor
ensures the device will be active with no connection to the
EN pin. The Power-down state is established within
approximately 80ns, if a logic high (>2V) is placed on the EN
pin. In the Power-down state, supply current is reduced
significantly by shutting the three amplifiers off. The output
presents a high impedance to the output pin, however, there
is a risk that the disabled amplifier output can be back-driven
at signal voltage levels exceeding 2VP-P. Under this
condition, large incoming slew rates can cause fault currents
of tens of mA. Therefore, the parallel connection of multiple
outputs is not recommended unless the application can
tolerate the limited power-down output impedance.
Limiting the Output Current
No output short circuit current limit exists on these parts. All
applications need to limit the output current to less than
50mA. Adequate thermal heat sinking of the parts is also
required.
V+
V+
V-
V-
V+
V-
V+
V-
LOGIC
CONTROL
GND
IN0
IN1
S0
OUT
EXTERNAL
CIRCUITS
SCHOTTKY
PROTECTION
V+
V-
POWER
GND
SIGNAL
LOGIC
V+ SUPPLY
V- SUPPLY
DE-COUPLING
CAPS
FIGURE 28. SCHOTTKY PROTECTION CIRCUIT
ISL59482


유사한 부품 번호 - ISL59482IRZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL59482IRZ INTERSIL-ISL59482IRZ Datasheet
797Kb / 15P
   Dual, 500MHz Triple, Multiplexing Amplifiers
August 8, 2014
logo
Renesas Technology Corp
ISL59482IRZ RENESAS-ISL59482IRZ Datasheet
1Mb / 15P
   Dual, 500MHz Triple, Multiplexing Amplifiers
More results

유사한 설명 - ISL59482IRZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL59481 INTERSIL-ISL59481 Datasheet
515Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59483 RENESAS-ISL59483 Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59481 RENESAS-ISL59481 Datasheet
932Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59482 RENESAS-ISL59482 Datasheet
1Mb / 15P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Intersil Corporation
ISL59483 INTERSIL-ISL59483_07 Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59483 INTERSIL-ISL59483 Datasheet
906Kb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59481 INTERSIL-ISL59481_07 Datasheet
798Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59482IRZ INTERSIL-ISL59482IRZ Datasheet
797Kb / 15P
   Dual, 500MHz Triple, Multiplexing Amplifiers
August 8, 2014
logo
Renesas Technology Corp
EL4340 RENESAS-EL4340 Datasheet
998Kb / 14P
   500MHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
EL4340 INTERSIL-EL4340_10 Datasheet
815Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com