전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL43L841IRZ-T 데이터시트(PDF) 3 Page - Intersil Corporation

부품명 ISL43L841IRZ-T
상세설명  Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43L841IRZ-T 데이터시트(HTML) 3 Page - Intersil Corporation

  ISL43L841IRZ-T Datasheet HTML 1Page - Intersil Corporation ISL43L841IRZ-T Datasheet HTML 2Page - Intersil Corporation ISL43L841IRZ-T Datasheet HTML 3Page - Intersil Corporation ISL43L841IRZ-T Datasheet HTML 4Page - Intersil Corporation ISL43L841IRZ-T Datasheet HTML 5Page - Intersil Corporation ISL43L841IRZ-T Datasheet HTML 6Page - Intersil Corporation ISL43L841IRZ-T Datasheet HTML 7Page - Intersil Corporation ISL43L841IRZ-T Datasheet HTML 8Page - Intersil Corporation ISL43L841IRZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
FN6212.1
June 30, 2006
Absolute Maximum Ratings
Thermal Information
V+ to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to 4.7V
Input Voltages
INH, Ax, Bx, ADDx (Note 2) . . . . . . . . . . . . . . -0.3 to (V+) + 0.3V
Output Voltages
COMx (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to (V+) + 0.3V
Continuous Current NO or COM . . . . . . . . . . . . . . . . . . . . .
±300mA
Peak Current NO or COM
(Pulsed 1ms, 10% Duty Cycle, Max) . . . . . . . . . . . . . . . .
±500mA
ESD Rating
HBM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >4kV
Thermal Resistance (Typical, Note 3)
θ
JA (°C/W)
16 Ld 3x3 TQFN Package . . . . . . . . . . . . . . . . . . . .
75
Maximum Junction Temperature (Plastic Package). . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300°C
(Lead Tips Only)
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to 85°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
2. Signals on Ax, Bx, COMx, ADDx, or INH exceeding V+ or GND are clamped by internal diodes. Limit forward diode current to maximum current
ratings.
3.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
Electrical Specifications - 4.3V Supply Test Conditions: VSUPPLY = +3.9V to +4.5V, GND = 0V, VINH = 1.4V, VINL = 0.4V
(Notes 4, 8), Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP
(°C)
(NOTE 5)
MIN
TYP
(NOTE 5)
MAX
UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
0
-
V+
V
ON Resistance, RON
V+ = 3.9V, ICOM = 100mA, VAX or VBX = 0V to V+,
(See Figure 5)
25
-
0.48
-
Full
-
0.56
-
RON Matching Between Channels,
∆RON
V+ = 3.9V, ICOM = 100mA, VAX or VBX = Voltage at
max RON, (Note 6)
25
-
0.12
-
Full
-
0.13
-
RON Flatness, RFLAT(ON)
V+ = 3.9V, ICOM = 100mA, VAX or VBX = 0V t0 V+,
(Note 7)
25
-
0.056
-
Full
-
0.06
-
Ax or Bx OFF Leakage Current,
IAx(OFF) or IBx(OFF)
V+ = 4.5V, VCOM = 0.3V, 3V, VAX or VBX = 3V, 0.3V
25
-50
1
50
nA
Full
-150
-
150
nA
COM ON Leakage Current,
ICOM(ON)
V+ = 4.5V, VCOM = VAX or VBX = 0.3V, 3V
25
-50
0.6
50
nA
Full
-150
-
150
nA
DIGITAL INPUT CHARACTERISTICS
Input Voltage High, VINH, VADDH
Full
1.5
1.07
-
V
Input Voltage Low, VINL, VADDL
Full
-
0.86
0.4
V
Input Current, IINH, IINL, IADDH,
IADDL
V+ = +4.5V, VINH = VADD = 0V or V+ (Note 10)
Full
-0.5
-
0.5
µA
DYNAMIC CHARACTERISTICS
Inhibit Turn-ON Time, tON
V+ = 3.9V, VAx or VBx = 3.0V, RL = 50Ω, CL = 35pF,
(See Figure 1, Note 10)
25
-
24
34
ns
Full
-
-
38
ns
Inhibit Turn-OFF Time, tOFF
V+ = 3.9V, VAx or VBx = 3.0V, RL = 50Ω, CL = 35pF,
(See Figure 1, Note 10)
25
-
14
24
ns
Full
-
-
28
ns
Address Transition Time, tTRANS
V+ = 3.9V, VAX or VBX = 3.0V, RL = 50Ω, CL = 35pF,
(See Figure 1, Note 10)
25
-
21
31
ns
Full
-
-
34
ns
Break-Before-Make Time, tBBM
V+ = 4.5V, VAX or VBX = 3.0V, RL = 50Ω, CL = 35pF,
(See Figure 3, Note 10)
25
-
4
-
ns
Full
1
-
-
ns
ISL43L841


유사한 부품 번호 - ISL43L841IRZ-T

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL43L841IRZ-T RENESAS-ISL43L841IRZ-T Datasheet
623Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Intersil Corporation
ISL43L841IRZ-T INTERSIL-ISL43L841IRZ-T Datasheet
323Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage,Single Supply, Differential 4 to 1 Analog Multiplexer
More results

유사한 설명 - ISL43L841IRZ-T

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54057 INTERSIL-ISL54057 Datasheet
264Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Renesas Technology Corp
ISL43L841 RENESAS-ISL43L841 Datasheet
623Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
ISL84782 RENESAS-ISL84782 Datasheet
628Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
ISL54057 RENESAS-ISL54057 Datasheet
513Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Intersil Corporation
ISL43L841 INTERSIL-ISL43L841_14 Datasheet
323Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage,Single Supply, Differential 4 to 1 Analog Multiplexer
ISL84782IV INTERSIL-ISL84782IV Datasheet
358Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage,Single Supply, Differential 4 to 1 Analog Multiplexer
November 17, 2004
ISL84782 INTERSIL-ISL84782 Datasheet
356Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
ISL43L840 INTERSIL-ISL43L840 Datasheet
334Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
ISL54058 INTERSIL-ISL54058 Datasheet
249Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
ISL43L840IV INTERSIL-ISL43L840IV Datasheet
348Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage,Single Supply, Dual 4 to 1 Analog Multiplexer
October 12, 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com