전자부품 데이터시트 검색엔진 |
|
FAN1655MPX 데이터시트(PDF) 4 Page - Fairchild Semiconductor |
|
FAN1655MPX 데이터시트(HTML) 4 Page - Fairchild Semiconductor |
4 / 9 page 4 www.fairchildsemi.com FAN1655 Rev. 1.1.5 Absolute Maximum Ratings Recommended Operating Conditions Electrical Characteristics (VDD = VDDQ = 2.5V ± 0.2V, and TA = 25˚C using circuit in Figure 1, unless otherwise noted.) The • denotes specifications which apply over the specified operating temperature range. Supply Voltage VDD, VDDQ 6V Junction Temperature, TJ 150˚C Storage Temperature -65 to 150˚C Lead Soldering Temperature, 10 seconds 300˚C Power Dissipation, PD FAN1655M (SOIC-14) 1.4W FAN1655MTF (e-TSSOP) FAN1655MP (MLP) See “Power Dissipation and Derating” Parameter Conditions Min. Typ. Max. Units Supply Voltage VDD 2.3 2.5 3.6 V Supply Voltage VDDQ 2.2 2.5 3.0 V Ambient Operating Temperature 0 125 ˚C VREFIN 1.1 1.25 1.5 V Parameter Conditions Min. Typ. Max. Units VTT Output Voltage IOUT = 0A, VREFIN = open VDDQ = 2.3V VDDQ = 2.5V VDDQ = 2.7V IOUT = ±2.1A, VREFIN = open VDDQ = 2.3V VDDQ = 2.5V VDDQ = 2.7V • • • 1.135 1.235 1.335 1.110 1.210 1.310 1.150 1.250 1.350 1.150 1.250 1.350 1.165 1.265 1.365 1.190 1.290 1.390 V V V V V V VTT Output Slew Rate Cload = 10µF 0.3 V/µS VTT Leakage Current SHDN = 0V • -50 50 µA VTT Current Limit ±3.1 A VREFIN Input Impedance 100 K Ω VREFOUT Output Voltage No load VREFIN = 1.150V VREFIN = 1.250V VREFIN = 1.350V • • • 1.145 1.245 1.345 1.150 1.250 1.350 1.155 1.255 1.355 V V V VREFOUT Output Current VDDQ = 2.3V • -5 5 mA VREFOUT Leakage Current SHDN = 0V • -10 10 µA SHDN Logic High • 1.667 V SHDN Logic Low • 0.800 V IDD Supply Current No load, SHDN = 2.7V • 7.5 20 mA VDDQ Leakage Current SHDN = 0V • 6 10 µA VDD Leakage Current SHDN = 0V • 3 50 µA SHDN Input Current SHDN = 2.7V • 50 75 µA Over-Temperature Shutdown 155 ˚C Over-Temperature Hysteresis 30 ˚C |
유사한 부품 번호 - FAN1655MPX |
|
유사한 설명 - FAN1655MPX |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |