전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN1655MPX 데이터시트(PDF) 7 Page - Fairchild Semiconductor

부품명 FAN1655MPX
상세설명  3A DDR Bus Termination Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1655MPX 데이터시트(HTML) 7 Page - Fairchild Semiconductor

  FAN1655MPX Datasheet HTML 1Page - Fairchild Semiconductor FAN1655MPX Datasheet HTML 2Page - Fairchild Semiconductor FAN1655MPX Datasheet HTML 3Page - Fairchild Semiconductor FAN1655MPX Datasheet HTML 4Page - Fairchild Semiconductor FAN1655MPX Datasheet HTML 5Page - Fairchild Semiconductor FAN1655MPX Datasheet HTML 6Page - Fairchild Semiconductor FAN1655MPX Datasheet HTML 7Page - Fairchild Semiconductor FAN1655MPX Datasheet HTML 8Page - Fairchild Semiconductor FAN1655MPX Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
www.fairchildsemi.com
FAN1655 Rev. 1.1.5
Mechanical Dimensions
14-Lead SOIC
Notes:
1. This package conforms to JEDEC MS-012, variation AB, ISSUEC dated May, 1990.
2. All dimensions are in millimeters
3. Standard lead finished
200 microinches / 5.08 microns min.
Lead/Tin (solder) oncopper
S8.71-8.51;
S1.27-0.40;
S8˚-0˚
S0.50-0.25;X45˚
S1.75-1.35;
S0.25-0.10;z
7.62
S6.20-5.80;
1.27
S0.51-0.35;
S4.00-3.80
7
6
5
4
3
2
1
14
13
12
11
10
9
8
S0.25-0.19;
SEATING PLANE
0.50
1.00
1.27
7.62
LAND PATTERN RECOMMENDATION
5.75


유사한 부품 번호 - FAN1655MPX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN1655MPX FAIRCHILD-FAN1655MPX Datasheet
513Kb / 9P
   3A DDR Bus Termination Regulator
More results

유사한 설명 - FAN1655MPX

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
UR5517 UTC-UR5517_11 Datasheet
1Mb / 9P
   3A DDR BUS TERMINATION REGULATOR
logo
Fairchild Semiconductor
FAN1655 FAIRCHILD-FAN1655 Datasheet
513Kb / 9P
   3A DDR Bus Termination Regulator
logo
Unisonic Technologies
UR5517 UTC-UR5517 Datasheet
193Kb / 6P
   3A DDR BUS TERMINATION REGULATOR
UR6515A UTC-UR6515A Datasheet
517Kb / 9P
   3A DDR BUS TERMINATION REGULATOR
logo
Global Mixed-mode Techn...
G2992 GMT-G2992_06 Datasheet
331Kb / 7P
   3A DDR Bus Termination Regulator
G2992 GMT-G2992 Datasheet
83Kb / 1P
   3A DDR Bus Termination Regulator
logo
Unisonic Technologies
UR6515D UTC-UR6515D Datasheet
713Kb / 9P
   3A DDR BUS TERMINATION REGULATOR
UR5517 UTC-UR5517_18 Datasheet
814Kb / 9P
   3A DDR BUS TERMINATION
logo
Silicon Standard Corp.
SS6383B SSC-SS6383B Datasheet
585Kb / 8P
   3A DDR Termination Regulator
logo
BCD Semiconductor Manuf...
AP2302 BCDSEMI-AP2302 Datasheet
154Kb / 13P
   3A DDR TERMINATION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com