전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL29004 데이터시트(PDF) 14 Page - Intersil Corporation

부품명 ISL29004
상세설명  Light-to-Digital Output Sensor with Address Selection, High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29004 데이터시트(HTML) 14 Page - Intersil Corporation

Back Button ISL29004 Datasheet HTML 9Page - Intersil Corporation ISL29004 Datasheet HTML 10Page - Intersil Corporation ISL29004 Datasheet HTML 11Page - Intersil Corporation ISL29004 Datasheet HTML 12Page - Intersil Corporation ISL29004 Datasheet HTML 13Page - Intersil Corporation ISL29004 Datasheet HTML 14Page - Intersil Corporation ISL29004 Datasheet HTML 15Page - Intersil Corporation ISL29004 Datasheet HTML 16Page - Intersil Corporation ISL29004 Datasheet HTML 17Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
14
FN6221.0
December 21, 2006
Typical Performance Curves (REXT = 100kΩ)
FIGURE 8. SPECTRAL RESPONSE
FIGURE 9. D1 AND D2 FLUORESCENT LIGHT SOURCE
RESPONSE
FIGURE 10. D1 AND D2 HALOGEN LIGHT SOURCE RESPONSE
FIGURE 11. D1 AND D2 SUNLIGHT RESPONSE
FIGURE 12. D1 AND D2 INCANDESCENT LIGHT SOURCE
RESPONSE
FIGURE 13. RADIATION PATTERN
0
10
20
30
40
50
60
70
80
90
100
300
400
500
600
700
800
900
1000
1100
WAVELENGTH (nm)
D3 = n(D1 - kD2)
n = 1.3, k = 3.355
D2
NORMALIZED
D3 EFFECTIVE
RESPONSE
D1 NORMALIZED
-
10k
20k
30k
40k
50k
60k
1k
2k
3k
4k
5k
6k
7k
8k
9k
10k
LUMINANCE (LUX)
6
7
8
9
10
11
12
13
14
D1
FLUORESCENT LIGHT SOURCE
RANGE3
D2
0
10k
20k
30k
40k
50k
60k
0
1k2k
3k4k5k
6k7k
8k9k
10k
LUMINANCE (LUX)
2
3
6
7
8
9
10
11
12
13
14
HALOGEN LIGHT SOURCE
RANGE3
D2
4
5
D1
0
10k
20k
30k
40k
50k
60k
0
1k2k
3k4k5k6k7k8k
9k
10k
LUMINANCE (LUX)
2
3
4
5
6
7
8
9
10
11
12
13
14
15
SUNLIGHT SOURCE
RANGE3
D2
D1
-
10k
20k
30k
40k
50k
60k
-
1k
2k3k4k5k
6k7k
8k9k
10k
LUMINANCE (LUX)
2
3
4
5
6
7
8
9
10
11
12
13
14
15
INCANDESCENT BULB
RANGE3
D1
D2
RADIATION PATTERN
LUMINOSITY
ANGLE
RELATIVE SENSITIVITY
ISL29004


유사한 부품 번호 - ISL29004

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL29000 INTERSIL-ISL29000 Datasheet
157Kb / 7P
   Ambient Light Photo Detect IC
logo
Renesas Technology Corp
ISL29000 RENESAS-ISL29000 Datasheet
410Kb / 7P
   Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29000IROZ INTERSIL-ISL29000IROZ Datasheet
158Kb / 7P
   Ambient Light Photo Detect IC
ISL29000IROZ-EVALZ INTERSIL-ISL29000IROZ-EVALZ Datasheet
157Kb / 7P
   Ambient Light Photo Detect IC
logo
Renesas Technology Corp
ISL29000IROZ-EVALZ RENESAS-ISL29000IROZ-EVALZ Datasheet
410Kb / 7P
   Ambient Light Photo Detect IC
More results

유사한 설명 - ISL29004

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL29013 INTERSIL-ISL29013 Datasheet
537Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
logo
Renesas Technology Corp
ISL29013 RENESAS-ISL29013 Datasheet
868Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
logo
Intersil Corporation
ISL29003 INTERSIL-ISL29003 Datasheet
270Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29003 INTERSIL-ISL29003_07 Datasheet
258Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29003IROZ INTERSIL-ISL29003IROZ Datasheet
374Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
November 17, 2011
ISL76683AROZ-T7 INTERSIL-ISL76683AROZ-T7 Datasheet
480Kb / 17P
   Light-to-Digital Output Sensor with Gain Selection,Interrupt Function and I2C Interface
March 24, 2014
logo
Renesas Technology Corp
ISL76683 RENESAS-ISL76683 Datasheet
850Kb / 18P
   Light-to-Digital Output Sensor with Gain Selection, Interrupt Function and I2C Interface
logo
Intersil Corporation
ISL29012 INTERSIL-ISL29012 Datasheet
587Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
logo
Renesas Technology Corp
ISL29012 RENESAS-ISL29012 Datasheet
930Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
ISL29010 RENESAS-ISL29010 Datasheet
843Kb / 13P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com