전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL29004IROZ 데이터시트(PDF) 7 Page - Intersil Corporation

부품명 ISL29004IROZ
상세설명  Light-to-Digital Output Sensor with Address Selection, High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29004IROZ 데이터시트(HTML) 7 Page - Intersil Corporation

Back Button ISL29004IROZ Datasheet HTML 3Page - Intersil Corporation ISL29004IROZ Datasheet HTML 4Page - Intersil Corporation ISL29004IROZ Datasheet HTML 5Page - Intersil Corporation ISL29004IROZ Datasheet HTML 6Page - Intersil Corporation ISL29004IROZ Datasheet HTML 7Page - Intersil Corporation ISL29004IROZ Datasheet HTML 8Page - Intersil Corporation ISL29004IROZ Datasheet HTML 9Page - Intersil Corporation ISL29004IROZ Datasheet HTML 10Page - Intersil Corporation ISL29004IROZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
FN6221.0
December 21, 2006
d
Command Register 00(hex)
The Read/Write command register has five functions:
(1) Enable; Bit 7.This function either resets the ADC or
enables the ADC in normal operation. A logic 0 disables
ADC to reset-mode. A logic 1 enables adc to normal
operation.
(2) AdcPD; Bit 6. This function puts the device in a power
down mode. A logic 0 puts the device in normal operation. A
logic 1 powers down the device.
(3) Timing Mode; Bit 5. This function determines whether the
integration time is done internally or externally. In Internal
Timing Mode, integration time is determined by an internal
dual speed oscillator (fosc), and the n-bit (n = 4, 8, 12,16)
counter inside the ADC. In External Timing Mode, integration
time is determined by the time between two consecutive
external-sync sync_iic pules commands.
(4) Photodiode Select Mode; Bits 3 and 2. This function
controls the mux attached to the two photodiodes. At Mode0,
the mux directs the current of Diode1 to the ADC. At Mode1,
the mux directs the current of Diode2 only to the ADC.
Mode3 is a sequential Mode0 and Mode1 with an internal
subtract function (Diode1 - Diode2).
* n = 4, 8, 12,16 depending on the number of clock cycles
function.
(5) Width; Bits 1 and 0. This function determines the number
of clock cycles per conversion. Changing the number of
clock cycles does more than just change the resolution of
the device. It also changes the integration time, which is the
period the device’s analog-to-digital (A/D) converter samples
the photodiode current signal for a Lux measurement.
Control Register 01(hex)
The Read/Write control register has three functions:
(1) Interrupt flag; Bit 5. This is the status bit of the interrupt.
The bit is set to logic high when the interrupt thresholds have
been triggered, and logic low when not yet triggered. Writing
a logic low clears/resets the status bit.
(2) Range/Gain; Bits 3 and 2. The Full Scale Range can be
adjusted by an external resistor Rext and/or it can be
adjusted via I2C using the Gain/Range funtion. Gain/Range
has four possible values, Range(k) where k is 1 through 4.
Table 9 lists the possible values of Range(k) and the
resulting FSR for some typical value REXT resistors. When
Gain/Range is set to Range1 or Range2, the fosc runs at
327kHz. When Gain/Range is set to Range3 or Range4 fosc
runs at twice the rate at 655kHz. The automatic fosc
adjustment feature improves signal-to-noise ratio for low Lux
measurements.
TABLE 2. WRITE ONLY REGISTERS
ADDRESS
REGISTER
NAME
FUNCTIONS/
DESCRIPTION
b1xxx_xxxx
sync_iic
Writing a logic 1 to this address bit ends
the current adc-integration and starts
another. Used only with External Timing
Mode.
bx1xx_xxxx
clar_int
Writing a logic 1 to this address bit
clears the interrupt.
TABLE 3. ENABLE
BIT 7
OPERATION
0
Disable ADC-core to reset-mode (default)
1
Enable ADC-core to normal operation
TABLE 4. adcPD
BIT 6
OPERATION
0
Normal operation (default)
1
Power Down
TABLE 5. TIMING MODE
BIT 5
OPERATION
0
Internal Timing Mode. Integration time is internally
timed determined by fosc, REXT, and number of clock
cycles.
1
External Timing Mode. Integration time is externally
timed by the I2C host.
TABLE 6. PHOTODIODE SELECT MODE; BITS 2 AND 3
BITS 3:2
MODE
0:0
Mode0. ADC integrates or converts Diode1 only. Current
is converted to an n-bit unsigned data.*
0:1
Mode1. ADC integrates or coverts Diode2 only. Current is
converted to an n-bit unsigned data.*
1:0
MODE3. A sequential Mode0 then Mode1 operation. The
difference current is an (n-1) signed data.*
1:1
No operation.
TABLE 7. WIDTH
BITS 1:0
NUMBER OF CLOCK CYCLES
0:0
2^16 = 65,536
0:1
2^12 = 4,096
1:0
2^8 = 256
1:1
2^4 = 16
TABLE 8. INTERRUPT FLAG
BIT 5
OPERATION
0
Interrupt is cleared or not triggered yet
1
Interrupt is triggered
ISL29004


유사한 부품 번호 - ISL29004IROZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL29000 INTERSIL-ISL29000 Datasheet
157Kb / 7P
   Ambient Light Photo Detect IC
logo
Renesas Technology Corp
ISL29000 RENESAS-ISL29000 Datasheet
410Kb / 7P
   Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29000IROZ INTERSIL-ISL29000IROZ Datasheet
158Kb / 7P
   Ambient Light Photo Detect IC
ISL29000IROZ-EVALZ INTERSIL-ISL29000IROZ-EVALZ Datasheet
157Kb / 7P
   Ambient Light Photo Detect IC
logo
Renesas Technology Corp
ISL29000IROZ-EVALZ RENESAS-ISL29000IROZ-EVALZ Datasheet
410Kb / 7P
   Ambient Light Photo Detect IC
More results

유사한 설명 - ISL29004IROZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL29013 INTERSIL-ISL29013 Datasheet
537Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
logo
Renesas Technology Corp
ISL29013 RENESAS-ISL29013 Datasheet
868Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
logo
Intersil Corporation
ISL29003 INTERSIL-ISL29003 Datasheet
270Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29003 INTERSIL-ISL29003_07 Datasheet
258Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29003IROZ INTERSIL-ISL29003IROZ Datasheet
374Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
November 17, 2011
ISL76683AROZ-T7 INTERSIL-ISL76683AROZ-T7 Datasheet
480Kb / 17P
   Light-to-Digital Output Sensor with Gain Selection,Interrupt Function and I2C Interface
March 24, 2014
logo
Renesas Technology Corp
ISL76683 RENESAS-ISL76683 Datasheet
850Kb / 18P
   Light-to-Digital Output Sensor with Gain Selection, Interrupt Function and I2C Interface
logo
Intersil Corporation
ISL29012 INTERSIL-ISL29012 Datasheet
587Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
logo
Renesas Technology Corp
ISL29012 RENESAS-ISL29012 Datasheet
930Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
ISL29010 RENESAS-ISL29010 Datasheet
843Kb / 13P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com