전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL29004IROZ 데이터시트(PDF) 1 Page - Intersil Corporation

부품명 ISL29004IROZ
상세설명  Light-to-Digital Output Sensor with Address Selection, High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29004IROZ 데이터시트(HTML) 1 Page - Intersil Corporation

  ISL29004IROZ Datasheet HTML 1Page - Intersil Corporation ISL29004IROZ Datasheet HTML 2Page - Intersil Corporation ISL29004IROZ Datasheet HTML 3Page - Intersil Corporation ISL29004IROZ Datasheet HTML 4Page - Intersil Corporation ISL29004IROZ Datasheet HTML 5Page - Intersil Corporation ISL29004IROZ Datasheet HTML 6Page - Intersil Corporation ISL29004IROZ Datasheet HTML 7Page - Intersil Corporation ISL29004IROZ Datasheet HTML 8Page - Intersil Corporation ISL29004IROZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
®
FN6221.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2006. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
ISL29004
Light-to-Digital Output Sensor with
Address Selection, High Sensitivity, Gain
Selection, Interrupt Function and I2C
Interface
The ISL29004 is an integrated light sensor with a 16-bit
integrating type ADC, I2C user programmable Lux range
select for optimized counts/Lux, and I2C multi-function
control and monitoring capabilities. The internal ADC
provides 16-bit resolution while rejecting 50Hz and 60Hz
flicker caused by artificial light sources.
In normal operation, power consumption is typically 300µA.
Futhermore, an available software power-down mode
controlled via the I2C interface reduces power consumption
to less than 1µA. The device also support a hardware
interrupt that remains asserted low until the host clears it
through I2C interface.
The ISL29004 is in an 8 Ld ODFN package and has two I2C
address pins for multiple devices on the same bus. The
ISL29003 is a similar light sensor with a hardwired I2C
address that is available in ODFN6 package.
Designed to operate on supplies from 2.5V to 3.3V, the
ISL29004 are specified for operation over the -40°C to
+85°C ambient temperature range.
Pinout
ISL29004
(8 LD ODFN)
TOP VIEW
Features
• Range select via I2C
- Range1 = 1000Lux
- Range2 = 4000Lux
- Range3 = 16,000Lux
- Range4 = 64,000Lux
• Human eye response (540nm peak sensitivity)
• Temperature compensated
• 16-bit resolution
• Adjustable resolution: up to 65 counts per Lux
• User-programmable upper and lower threshold interrupt
• Simple output code, directly proportional to Lux
• 50Hz/60Hz rejection
• 2.5V to 3.3V supply
• 8 Ld ODFN (3mmx3mm)
•I2C address selection
Applications
• Ambient light sensing
• Backlight control
• Temperature control systems
• Contrast control
• Camera light meters
• Lighting controls
Block Diagram
Ordering Information
PART NUMBER
(Note)
TAPE &
REEL
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL29004IROZ
-
8 Ld ODFN
MDP0052
ISL29004IROZ-T7
7”
8 Ld ODFN Tape
and Reel
MDP0052
ISL29004IROZ-EVALZ Evaluation Board (Pb-free)
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
SDA
SCL
INT
VDD
GND
REXT
1
2
3
4
8
7
6
5
THERMAL
PAD
A0
A1
REXT
GND
SCL
SDA
COMMAND
REGISTER
INTEGRATING
ADC
DATA
REGISTER
I2C
PHOTODIODE 1
PHOTODIODE 2
MUX
3
2
8
7
1
FOSC
IREF
COUNTER
216
EXT
6
INT
INTERRUPT
ISL29004
TIMING
INT
A1
A0
4
5
Data Sheet
December 21, 2006


유사한 부품 번호 - ISL29004IROZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL29000 INTERSIL-ISL29000 Datasheet
157Kb / 7P
   Ambient Light Photo Detect IC
logo
Renesas Technology Corp
ISL29000 RENESAS-ISL29000 Datasheet
410Kb / 7P
   Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29000IROZ INTERSIL-ISL29000IROZ Datasheet
158Kb / 7P
   Ambient Light Photo Detect IC
ISL29000IROZ-EVALZ INTERSIL-ISL29000IROZ-EVALZ Datasheet
157Kb / 7P
   Ambient Light Photo Detect IC
logo
Renesas Technology Corp
ISL29000IROZ-EVALZ RENESAS-ISL29000IROZ-EVALZ Datasheet
410Kb / 7P
   Ambient Light Photo Detect IC
More results

유사한 설명 - ISL29004IROZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL29013 INTERSIL-ISL29013 Datasheet
537Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
logo
Renesas Technology Corp
ISL29013 RENESAS-ISL29013 Datasheet
868Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
logo
Intersil Corporation
ISL29003 INTERSIL-ISL29003 Datasheet
270Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29003 INTERSIL-ISL29003_07 Datasheet
258Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29003IROZ INTERSIL-ISL29003IROZ Datasheet
374Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
November 17, 2011
ISL76683AROZ-T7 INTERSIL-ISL76683AROZ-T7 Datasheet
480Kb / 17P
   Light-to-Digital Output Sensor with Gain Selection,Interrupt Function and I2C Interface
March 24, 2014
logo
Renesas Technology Corp
ISL76683 RENESAS-ISL76683 Datasheet
850Kb / 18P
   Light-to-Digital Output Sensor with Gain Selection, Interrupt Function and I2C Interface
logo
Intersil Corporation
ISL29012 INTERSIL-ISL29012 Datasheet
587Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
logo
Renesas Technology Corp
ISL29012 RENESAS-ISL29012 Datasheet
930Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
ISL29010 RENESAS-ISL29010 Datasheet
843Kb / 13P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com