전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL59533IKEZ 데이터시트(PDF) 9 Page - Intersil Corporation

부품명 ISL59533IKEZ
상세설명  32x32 Video Crosspoint with Differential Inputs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59533IKEZ 데이터시트(HTML) 9 Page - Intersil Corporation

Back Button ISL59533IKEZ Datasheet HTML 5Page - Intersil Corporation ISL59533IKEZ Datasheet HTML 6Page - Intersil Corporation ISL59533IKEZ Datasheet HTML 7Page - Intersil Corporation ISL59533IKEZ Datasheet HTML 8Page - Intersil Corporation ISL59533IKEZ Datasheet HTML 9Page - Intersil Corporation ISL59533IKEZ Datasheet HTML 10Page - Intersil Corporation ISL59533IKEZ Datasheet HTML 11Page - Intersil Corporation ISL59533IKEZ Datasheet HTML 12Page - Intersil Corporation ISL59533IKEZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
FN6222.0
March 13, 2006
FIGURE 13. HARMONIC DISTORTION vs FREQUENCY
FIGURE 14. HARMONIC DISTORTION vs VOUT_P-P
FIGURE 15. DISABLE OUTPUT IMPEDANCE
FIGURE 16. ENABLE OUTPUT IMPEDANCE
FIGURE 17. RISE TIME - AV = 1
FIGURE 18. FALL TIME - AV = 1
Typical Performance Curve (Continued)
AV=2
RL=100Ω
INPUT_CH 0
OUTPUT_CH 0
VOP-P =2V
2nd HD
3rd HD
THD
AV=2
RL=100Ω
INPUT_CH 0
OUTPUT_CH 0
FREQUENCY = 1MHz
THD
2nd HD
3rd HD
MUX MODE
AV = 1
RL = 100Ω
INPUT_CH 31
OUTPUT_CH 31
RISE TIME
2.35ns
MUX MODE
AV = 1
RL = 100Ω
INPUT_CH 31
OUTPUT_CH 31
FALL TIME
2.65ns
ISL59533


유사한 부품 번호 - ISL59533IKEZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL59530 INTERSIL-ISL59530 Datasheet
1Mb / 22P
   16x16 Video Crosspoint
ISL59530 INTERSIL-ISL59530 Datasheet
1Mb / 22P
   16x16 Video Crosspoint
ISL59530 INTERSIL-ISL59530 Datasheet
1Mb / 25P
   16x16 Video Crosspoint
ISL59530 INTERSIL-ISL59530 Datasheet
2Mb / 26P
   16x16 Video Crosspoint
logo
Renesas Technology Corp
ISL59530 RENESAS-ISL59530 Datasheet
1Mb / 26P
   16x16 Video Crosspoint
More results

유사한 설명 - ISL59533IKEZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL59532_0708 INTERSIL-ISL59532_0708 Datasheet
1Mb / 24P
   32x32 Video Crosspoint
ISL59532 INTERSIL-ISL59532 Datasheet
1Mb / 24P
   32x32 Video Crosspoint
ISL59532 INTERSIL-ISL59532_07 Datasheet
1Mb / 24P
   32x32 Video Crosspoint
logo
Renesas Technology Corp
ISL59532 RENESAS-ISL59532 Datasheet
1Mb / 25P
   32x32 Video Crosspoint
logo
Intersil Corporation
ISL59531 INTERSIL-ISL59531 Datasheet
1Mb / 21P
   16x16 Video Crosspoint with Differential Inputs
logo
Analog Devices
ADV7281 AD-ADV7281_14 Datasheet
558Kb / 32P
   Oversampled SDTV Video Decoder with Differential Inputs
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
ADV7182 AD-ADV7182 Datasheet
1Mb / 96P
   10-Bit, SDTV Video Decoder with Differential Inputs
REV. A
logo
TriQuint Semiconductor
TQ8032 TRIQUINT-TQ8032 Datasheet
177Kb / 8P
   800 Megabit/sec 32x32 Digital ECL Crosspoint Switch
logo
Intersil Corporation
ISL59530 INTERSIL-ISL59530 Datasheet
1Mb / 22P
   16x16 Video Crosspoint
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com