전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL54402IRUZ-T 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 ISL54402IRUZ-T
상세설명  Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54402IRUZ-T 데이터시트(HTML) 4 Page - Intersil Corporation

  ISL54402IRUZ-T Datasheet HTML 1Page - Intersil Corporation ISL54402IRUZ-T Datasheet HTML 2Page - Intersil Corporation ISL54402IRUZ-T Datasheet HTML 3Page - Intersil Corporation ISL54402IRUZ-T Datasheet HTML 4Page - Intersil Corporation ISL54402IRUZ-T Datasheet HTML 5Page - Intersil Corporation ISL54402IRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54402IRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54402IRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54402IRUZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
FN6240.3
July 12, 2006
Ordering Information
PART NUMBER
(Note)
BRAND
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG. DWG. #
ISL54400IRZ
400Z
-40 to 85
10 Ld 3x3 Thin DFN
L10.3x3A
ISL54401IRZ
401Z
-40 to 85
10 Ld 3x3 Thin DFN
L10.3x3A
ISL54402IRZ
402Z
-40 to 85
10 Ld 3x3 Thin DFN
L10.3x3A
ISL54400IRZ-T
400Z
-40 to 85
10 Ld 3x3 Thin DFN Tape and Reel
L10.3x3A
ISL54401IRZ-T
401Z
-40 to 85
10 Ld 3x3 Thin DFN Tape and Reel
L10.3x3A
ISL54402IRZ-T
402Z
-40 to 85
10 Ld 3x3 Thin DFN Tape and Reel
L10.3x3A
ISL54400IRUZ-T
FA
-40 to 85
10 Ld 2.1 x 1.6mm
µTQFN Tape and Reel
L10.2.1x1.6A
ISL54401IRUZ-T
FB
-40 to 85
10 Ld 2.1 x 1.6mm
µTQFN Tape and Reel
L10.2.1x1.6A
ISL54402IRUZ-T
FC
-40 to 85
10 Ld 2.1 x 1.6mm
µTQFN Tape and Reel
L10.2.1x1.6A
ISL54400EVAL1Z
-
-40 to 85
ISL54400 Evaluation Kit
-
ISL54401EVAL1Z
-
-40 to 85
ISL54401 Evaluation Kit
-
ISL54402EVAL1Z
-
-40 to 85
ISL54402 Evaluation Kit
-
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
or NiPdAu termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products
are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
ISL54400, ISL54401, ISL54402


유사한 부품 번호 - ISL54402IRUZ-T

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL54402IRUZ-T RENESAS-ISL54402IRUZ-T Datasheet
839Kb / 15P
   Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
More results

유사한 설명 - ISL54402IRUZ-T

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL54400 RENESAS-ISL54400 Datasheet
839Kb / 15P
   Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
logo
Intersil Corporation
ISL54416 INTERSIL-ISL54416 Datasheet
490Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches with Negative Signal Capability
ISL54207 INTERSIL-ISL54207 Datasheet
468Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
logo
Renesas Technology Corp
ISL54207 RENESAS-ISL54207 Datasheet
833Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
logo
Intersil Corporation
ISL54208 INTERSIL-ISL54208 Datasheet
447Kb / 15P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
logo
Renesas Technology Corp
ISL54208 RENESAS-ISL54208 Datasheet
890Kb / 15P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
ISL54415 RENESAS-ISL54415 Datasheet
871Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/Audio Switches with Negative Signal Capability
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762_V01 Datasheet
481Kb / 15P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
2006
logo
ams AG
AS1747 AMSCO-AS1747_04 Datasheet
875Kb / 17P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762 Datasheet
512Kb / 15P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
19-3152; Rev 0; 1/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com