전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN5608DHMPX 데이터시트(PDF) 8 Page - Fairchild Semiconductor

부품명 FAN5608DHMPX
상세설명  Serial / Parallel LED Driver with Current-Regulated, Step-Up DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5608DHMPX 데이터시트(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN5608DHMPX Datasheet HTML 4Page - Fairchild Semiconductor FAN5608DHMPX Datasheet HTML 5Page - Fairchild Semiconductor FAN5608DHMPX Datasheet HTML 6Page - Fairchild Semiconductor FAN5608DHMPX Datasheet HTML 7Page - Fairchild Semiconductor FAN5608DHMPX Datasheet HTML 8Page - Fairchild Semiconductor FAN5608DHMPX Datasheet HTML 9Page - Fairchild Semiconductor FAN5608DHMPX Datasheet HTML 10Page - Fairchild Semiconductor FAN5608DHMPX Datasheet HTML 11Page - Fairchild Semiconductor FAN5608DHMPX Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5608 Rev. 1.0.5 • 8/8/06
8
Typical Characteristics
TA=25C, VBAT = 3.6V, unless otherwise specified.
Figure 11. Peak power efficiency
Figure 12. PWM Dimming
Startup Response
VIN=3.6V, L=6.8uH, COUT=4.7uF, 3-LEDs/CH
Tim e 200µS/Div
Figure 13. Startup Response
Design and Component Selection Guidelines
Inductor Selection
The inductor is one of the main components required by
the boost converter to store energy. The amount of
energy stored in the inductor and transferred to the load
is controlled by the regulator, using pulse-frequency
modulation (PFM) and pulse-skipping techniques. In most
cases, the FAN5608 operates in discontinuous conduction
mode, resulting in higher inductor current ripple.
To ensure proper operation of the current regulator over
the entire range of conditions, select the inductor based
on the maximum output power (POUT) and the minimum
input voltage (VIN):
OUT
IN
P
T
V
L
×
2
)
(
EQ 6
where units of L, VIN, and POUT are in μH, Volt, and Watt,
respectively and T = 0.4μs is a factor depending upon
the
FAN5608
internal
architecture.
The
above
relationship is applicable up to POUT = 0.8W and
H
L
μ
2
.
2
. At lower inductor values, the efficiency


유사한 부품 번호 - FAN5608DHMPX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5608DHMPX FAIRCHILD-FAN5608DHMPX Datasheet
206Kb / 17P
   Serial/Parallel LED Driver with Current-Regulated, Step-Up DC/DC Converter
More results

유사한 설명 - FAN5608DHMPX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5608 FAIRCHILD-FAN5608 Datasheet
206Kb / 17P
   Serial/Parallel LED Driver with Current-Regulated, Step-Up DC/DC Converter
FAN5606 FAIRCHILD-FAN5606 Datasheet
112Kb / 9P
   Serial LED Driver with Current-Regulated, Step-Up DC/DC Converter
logo
YOBON TECHNOLOGIES,INC.
YB1522 YOBON-YB1522 Datasheet
1Mb / 12P
   Step-up DC-DC Converter White LED Driver
logo
Taiwan Semiconductor Co...
TS1520 TSC-TS1520_10 Datasheet
221Kb / 12P
   Step-up DC-DC Converter, White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1508 YOBON-YB1508 Datasheet
774Kb / 7P
   Step-up DC-DC Converter , White LED Driver
YB1506 YOBON-YB1506 Datasheet
566Kb / 10P
   Step-up DC-DC Converter , White LED Driver
logo
Torex Semiconductor
XC9116 TOREX-XC9116 Datasheet
1Mb / 22P
   Step-Up DC/DC Converter-Backlight LED Driver
logo
SHENZHEN FUMAN ELECTRON...
A3127 FUMAN-A3127 Datasheet
191Kb / 7P
   Step-up DC/DC converter white LED driver
logo
YOBON TECHNOLOGIES,INC.
YB1517 YOBON-YB1517 Datasheet
337Kb / 10P
   Step-up DC-DC Converter & White LED Driver
logo
Shenzhen Huazhimei Semi...
HM5662 HMSEMI-HM5662 Datasheet
640Kb / 6P
   Step-up DC/DC converter White LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com