전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL55190IBZ 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 ISL55190IBZ
상세설명  Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Low Power Op Amp
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55190IBZ 데이터시트(HTML) 4 Page - Intersil Corporation

  ISL55190IBZ Datasheet HTML 1Page - Intersil Corporation ISL55190IBZ Datasheet HTML 2Page - Intersil Corporation ISL55190IBZ Datasheet HTML 3Page - Intersil Corporation ISL55190IBZ Datasheet HTML 4Page - Intersil Corporation ISL55190IBZ Datasheet HTML 5Page - Intersil Corporation ISL55190IBZ Datasheet HTML 6Page - Intersil Corporation ISL55190IBZ Datasheet HTML 7Page - Intersil Corporation ISL55190IBZ Datasheet HTML 8Page - Intersil Corporation ISL55190IBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
FN6262.1
March 30, 2007
AC SPECIFICATIONS
GBW
Gain Bandwidth Product
AV = +5; VOUT = 100mVP-P; Rf/Rg = 402Ω/100Ω
800
MHz
HD
(4 MHz)
2nd Harmonic Distortion
AV = 5; VOUT = 2VP-P; Rf/Rg = 402Ω/100Ω
-95
dBc
3rd Harmonic Distortion
-92
dBc
ISO
Off-state Isolation; EN = 1 ISL55290;
EN = 0 ISL55190
fO = 10MHz; AV = 5; VIN = 640mVP-P;
Rf/Rg = 402Ω/100Ω; CL = 1.2pF
-65
dB
X-TALK
ISL55290
Channel-to-Channel Crosstalk
fO = 10MHz; AV = 5; VOUT (Driven Channel) =
640mVP-P; Rf/Rg = 402Ω/100Ω; CL = 1.2pF
-75
dB
PSRR
Power Supply Rejection Ratio
fO = 10MHz;
VS = ±2.5V; AV = 5; VSOURCE = 640mVP-P;
Rf/Rg = 402Ω/100Ω; CL = 1.2pF
-45
dB
CMRR
Input Common Mode Rejection
Ratio; fO = 10MHz;
VS = ±2.5V; AV = 5; VCM = 640mVP-P;
Rf/Rg = 402Ω/100Ω; CL = 1.2pF
-38
dB
VN
Input Referred Voltage Noise
fO = 1kHz
1.2
nV/
√Hz
IN
Input Referred Current Noise
fO = 10kHz
6
pA/
√Hz
TRANSIENT RESPONSE
SR
Slew Rate
163
268
V/uS
tr, tf Large
Signal
Rise Time, tr 10% to 90%
AV = 5; VOUT = 3.5VP-P; Rf/Rg = 402Ω/100Ω
CL = 1.2pF
11.2
ns
Fall Time, tf 10% to 90%
9.8
ns
Rise Time, tr 10% to 90%
AV = 5; VOUT = 1VP-P; Rf/Rg = 402Ω/100Ω
CL = 1.2pF
4.4
ns
Fall Time, tf 10% to 90%
4.0
ns
tr, tf, Small
Signal
Rise Time, tr 10% to 90%
AV = 5; VOUT = 1VP-P; Rf/Rg = 402Ω/100Ω
CL = 1.2pF
2.2
ns
Fall Time, tf 10% to 90%
2.0
ns
tpd
Propagation Delay
10% VIN to 10% VOUT
AV = 5; VOUT = 100mVP-P; Rf/Rg = 402Ω/100Ω
CL = 1.2pF
1.6
ns
tIOL
Positive Input Overload Recovery
Time, tIOL+; 10% VIN to 10% VOUT
VS = ±2.5V; AV = 5; VIN = +VCM +0.1V;
Rf/Rg = 402Ω/100Ω; CL = 1.2pF
15
ns
Negative Input Overload Recovery
Time, tIOL-; 10% VIN to 10% VOUT
VS = ±2.5V; AV = 5; VIN = -V -0.5V;
Rf/Rg = 402Ω/100Ω; CL = 1.2pF
18
ns
tOOL
Positive Output Overload Recovery
Time, tOOL+; 10% VIN to 10% VOUT
VS = ±2.5V; AV = 5; VIN = 1.1VP-P;
Rf/Rg = 402Ω/100Ω; CL = 1.2pF
17
ns
Negative Output Overload Recovery
Time, tOOL-; 10% VIN to 10% VOUT
VS = ±2.5V; AV = 5; VIN = 1.1VP-P;
Rf/Rg = 402Ω/100Ω; CL = 1.2pF
17
ns
tEN
ISL55190
ENABLE to Output Turn-on Delay
Time; 10% EN to 10% VOUT
AV = 5; VIN = 500mVP-P; Rf/Rg = 402Ω/100Ω
CL = 1.2pF
420
ns
ENABLE to Output Turn-off Delay
Time; 10% EN to 10% VOUT
AV = 5; VIN = 500mVP-P; Rf/Rg = 402Ω/100Ω
CL = 1.2pF
240
ns
tEN
ISL55290
ENABLE to Output Turn-on Delay
Time; 10% EN to 10% VOUT
AV = 5; VIN = 500mVP-P; Rf/Rg = 402Ω/100Ω
CL = 1.2pF
160
ns
ENABLE to Output Turn-off Delay
Time;10% EN to 10% VOUT
AV = 5; VIN = 500mVP-P; Rf/Rg = 402Ω/100Ω
CL = 1.2pF
32
ns
Electrical Specifications
V+ = 5V, V -= GND, RL = 1kΩ, RG = 30Ω, RF = 120Ω. unless otherwise specified. Parameters are per amplifier.
All values are at V+ = 5V, TA = +25°C
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
ISL55190, ISL55290


유사한 부품 번호 - ISL55190IBZ

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL55190IBZ RENESAS-ISL55190IBZ Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Low Power Op Amp
March 30, 2007
ISL55190IBZ-T13 RENESAS-ISL55190IBZ-T13 Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Low Power Op Amp
March 30, 2007
More results

유사한 설명 - ISL55190IBZ

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL55190 RENESAS-ISL55190 Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Low Power Op Amp
March 30, 2007
logo
Intersil Corporation
ISL55191 INTERSIL-ISL55191 Datasheet
880Kb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op Amp
ISL28190 INTERSIL-ISL28190 Datasheet
908Kb / 14P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Op Amp
logo
Linear Technology
LT1115 LINER-LT1115 Datasheet
932Kb / 12P
   Ultra-Low Noise, Low Distortion, Audio Op Amp
logo
Renesas Technology Corp
ISL55191 RENESAS-ISL55191 Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op
March 30, 2007
logo
Intersil Corporation
ISL28190 INTERSIL-ISL28190_08 Datasheet
1Mb / 16P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
logo
Renesas Technology Corp
ISL28190 RENESAS-ISL28190 Datasheet
1Mb / 19P
   Single and Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
ISL28290 RENESAS-ISL28290 Datasheet
1Mb / 21P
   Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
Jan.12.21
logo
Intersil Corporation
ISL28191 INTERSIL-ISL28191_08 Datasheet
1Mb / 16P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
logo
Renesas Technology Corp
ISL28191 RENESAS-ISL28191 Datasheet
1Mb / 18P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com