전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL55190EVAL1Z 데이터시트(PDF) 8 Page - Intersil Corporation

부품명 ISL55190EVAL1Z
상세설명  Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Low Power Op Amp
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55190EVAL1Z 데이터시트(HTML) 8 Page - Intersil Corporation

Back Button ISL55190EVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL55190EVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL55190EVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL55190EVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL55190EVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL55190EVAL1Z Datasheet HTML 9Page - Intersil Corporation ISL55190EVAL1Z Datasheet HTML 10Page - Intersil Corporation ISL55190EVAL1Z Datasheet HTML 11Page - Intersil Corporation ISL55190EVAL1Z Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
FN6262.1
March 30, 2007
FIGURE 19. INPUT NOISE CURRENT vs FREQUENCY
FIGURE 20. LARGE SIGNAL STEP RESPONSE
FIGURE 21. SMALL SIGNAL STEP RESPONSE
FIGURE 22. ISL55290 PERCENT OVERSHOOT vs VOUT, CL
FIGURE 23. POSITIVE INPUT OVERLOAD RECOVERY TIME
FIGURE 24. NEGATIVE INPUT OVERLOAD RECOVERY TIME
Typical Performance Curves (Continued)
1
10
100
1000
FREQUENCY (Hz)
AV = 100
Cg = 1.6pF
Rf = 330
Rg = 3.3
Ri = 1k
0.1
1
10
100
1k
10k
100k
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
TIME (µs)
0
1020
3040
506070
80
90
100
AV = 5
VS = ±2.5V
RL = 1k
CL = 1.3pF
VOUT = 1VP-P
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0
10
203040
50
60708090
100
TIME (µs)
AV = 5
VS = ±2.5V
RL = 1k
CL = 1.3pF
VOUT =100mVP-P
0
5
10
15
20
25
30
35
40
45
50
0
5
10
15
20
25
CL (pF)
VOUT = 0.5V
AV = 5
RL = 1k
Rg = 100
Rf = 402
VOUT = 1V
VOUT = 3.5V
VOUT = 0.1V
-2.0
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
0
10
20
30
4050
60
7080
TIME (ns)
AV = 5
RL = 10k
Rg = 100
Rf = 402
INPUT
OUTPUT
VS = ±2.5V
VIN = VCM +0.1V
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
TIME (ns)
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
OUTPUT
INPUT
0
10
20
30
405060
70
80
AV = 5
RL = 10k
Rg = 100
Rf = 402
VS = ±2.5V
VIN = -V-0.5V
-3
-2
-1
0
1
2
3
ISL55190, ISL55290
-3
-2
-1
0
1
2
3


유사한 부품 번호 - ISL55190EVAL1Z

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL55190EVAL1Z RENESAS-ISL55190EVAL1Z Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Low Power Op Amp
March 30, 2007
More results

유사한 설명 - ISL55190EVAL1Z

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL55190 RENESAS-ISL55190 Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Low Power Op Amp
March 30, 2007
logo
Intersil Corporation
ISL55191 INTERSIL-ISL55191 Datasheet
880Kb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op Amp
ISL28190 INTERSIL-ISL28190 Datasheet
908Kb / 14P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Op Amp
logo
Linear Technology
LT1115 LINER-LT1115 Datasheet
932Kb / 12P
   Ultra-Low Noise, Low Distortion, Audio Op Amp
logo
Renesas Technology Corp
ISL55191 RENESAS-ISL55191 Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op
March 30, 2007
logo
Intersil Corporation
ISL28190 INTERSIL-ISL28190_08 Datasheet
1Mb / 16P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
logo
Renesas Technology Corp
ISL28190 RENESAS-ISL28190 Datasheet
1Mb / 19P
   Single and Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
ISL28290 RENESAS-ISL28290 Datasheet
1Mb / 21P
   Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
Jan.12.21
logo
Intersil Corporation
ISL28191 INTERSIL-ISL28191_08 Datasheet
1Mb / 16P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
logo
Renesas Technology Corp
ISL28191 RENESAS-ISL28191 Datasheet
1Mb / 18P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com