전자부품 데이터시트 검색엔진 |
|
LM258D 데이터시트(PDF) 6 Page - NXP Semiconductors |
|
LM258D 데이터시트(HTML) 6 Page - NXP Semiconductors |
6 / 12 page Philips Semiconductors Product data NE/SA/SE532/ LM258/358/A/2904 Low power dual operational amplifiers 2002 Jul 12 6 TYPICAL PERFORMANCE CHARACTERISTICS – + VDC 100 k Ω VO 1K +7 VDC VIN 2 k Ω Tamb = 0 °C to +125 °C Tamb = 55 °C 4 3 2 1 0 0 10 20 30 40 SUPPLY VOLTAGE (VDC) 90 80 70 60 50 40 30 20 10 0 55 35 –15 5 25 45 65 85 105 125 TEMPERATURE ( °C) 160 120 80 40 0 0 10 203040 SUPPLY VOLTAGE (VDC) RL + 20 kΩ RL + 2 kΩ – + V+ 10M VO 0.1 µf V+/2 VIN V+ = 30 VDC AND –55 °C ≤ Tamb ≤ +125 °C V+ = 10 to 15 VDC AND –55 °C < Tamb < +125 °C 140 120 100 80 60 40 20 0 1 10 100 1k 10k 100k 1M 10M FREQUENCY (Hz) 20 15 10 5 0 1k 10k 100k 1M FREQUENCY (Hz) RL < 2 kΩ V+ 15 VDC 4 3 2 1 0 3 2 1 0 010 20 30 40 TIME ( µs) EO 50 pF INPUT OUTPUT θIN 500 450 400 350 300 250 01 23 4 5 6 7 8 t — TIME ( µs) Tamb = +25 °C V+ = +30 VDC +V+ /2 V+ V2 IO INDEPENDENT OF V+ TAamb= +25 °C 8 7 6 5 4 3 2 1 0.001 0.01 0.1 1 10 100 IO+ – OUTPUT SOURCE CURRENT (mADC) V+ /2 V+ IO Tamb = +25 °C V+ = +5 VDC V+ = +15 VDC V+ = +30 VDC 10 1 0.1 0.01 0.001 0.01 0.1 1 10 100 IO – OUTPUT SINK CURRENT (mADC) VO – + + – Supply Current Current Limiting Voltage Gain Open-Loop Frequency Response Large-Signal Frequency Response Voltage-Follower Response Voltage-Follower Pulse Response (Small-Signal) Output Characteristics Current Sourcing Output Characteristics Current Sinking SL00284 Figure 3. Typical performance characteristics. |
유사한 부품 번호 - LM258D |
|
유사한 설명 - LM258D |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |