전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL59116IIZ 데이터시트(PDF) 6 Page - Intersil Corporation

부품명 ISL59116IIZ
상세설명  YC to Composite Video Driver with LPF
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59116IIZ 데이터시트(HTML) 6 Page - Intersil Corporation

Back Button ISL59116IIZ Datasheet HTML 2Page - Intersil Corporation ISL59116IIZ Datasheet HTML 3Page - Intersil Corporation ISL59116IIZ Datasheet HTML 4Page - Intersil Corporation ISL59116IIZ Datasheet HTML 5Page - Intersil Corporation ISL59116IIZ Datasheet HTML 6Page - Intersil Corporation ISL59116IIZ Datasheet HTML 7Page - Intersil Corporation ISL59116IIZ Datasheet HTML 8Page - Intersil Corporation ISL59116IIZ Datasheet HTML 9Page - Intersil Corporation ISL59116IIZ Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
FN6277.0
September 21, 2006
FIGURE 13. ENABLE TIME
FIGURE 14. DISABLE TIME
FIGURE 15. HARMONIC DISTORTION vs FREQUENCY
FIGURE 16. HARMONIC DISTORTION vs OUTPUT VOLTAGE
FIGURE 17. GROUP DELAY vs FREQUENCY
FIGURE 18. -3dB BANDWIDTH vs INPUT RESISTANCE
Typical Performance Curves (Continued)
-100
-50
0
50
100
150
200
2.5
2.0
1.5
1.0
0.5
0.0
-0.5
-1.0
TIME (ns)
VDD = +3.3V
RL = 150Ω
ENABLE SIGNAL
OUTPUT SIGNAL
-20
-10
0
10
20
30
2.5
2.0
1.5
1.0
0.5
0.0
-0.5
-1.0
TIME (ns)
VDD = +3.3V
RL = 150Ω
DISABLE SIGNAL
OUTPUT SIGNAL
1M
10M
-20
-30
-40
-50
-60
-70
-80
FREQUENCY (Hz)
VDD = +3.3V
RL = 150Ω
VOUT = 2VP-P
3rd HD
2nd HD
THD
0.5
1.0
1.5
2.0
2.5
-10
-20
-30
-40
-50
-60
-70
-80
OUTPUT VOLTAGES (VP-P)
VDD = +3.3V
RL = 150Ω
FIN = 500kHz
3rd HD
2nd HD
THD
VDD = +3.3V
RL = 150Ω
20
100
180
260
340
420
500
16
14
12
10
8
6
4
2
INPUT RESISTANCE (
Ω)
VDD = +3.3V
RL = 150Ω
180
ISL59116


유사한 부품 번호 - ISL59116IIZ

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL59116IIZ RENESAS-ISL59116IIZ Datasheet
630Kb / 10P
   YC to Composite Video Driver with LPF
More results

유사한 설명 - ISL59116IIZ

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL59116 RENESAS-ISL59116 Datasheet
630Kb / 10P
   YC to Composite Video Driver with LPF
ISL59114 RENESAS-ISL59114 Datasheet
606Kb / 10P
   YC (S-video) to Composite Video Driver with LPF
logo
Intersil Corporation
ISL59114 INTERSIL-ISL59114 Datasheet
330Kb / 10P
   YC (S-video) to Composite Video Driver with LPF
ISL59119 INTERSIL-ISL59119 Datasheet
986Kb / 10P
   Triple Channel Video Driver with LPF
ISL59117 INTERSIL-ISL59117 Datasheet
365Kb / 10P
   Triple Channel Video Driver with LPF
ISL59115 INTERSIL-ISL59115 Datasheet
328Kb / 10P
   Triple Channel Video Driver with LPF
logo
Renesas Technology Corp
ISL59115 RENESAS-ISL59115 Datasheet
607Kb / 10P
   Triple Channel Video Driver with LPF
ISL59123 RENESAS-ISL59123 Datasheet
767Kb / 10P
   Triple Channel Video Driver with LPF
ISL59117 RENESAS-ISL59117 Datasheet
629Kb / 10P
   Triple Channel Video Driver with LPF
logo
Intersil Corporation
ISL59123 INTERSIL-ISL59123 Datasheet
497Kb / 10P
   Triple Channel Video Driver with LPF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com