전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XX1000-BD-EV1 데이터시트(PDF) 5 Page - Mimix Broadband

부품명 XX1000-BD-EV1
상세설명  7.5-25.0/15.0-50.0 GHz GaAs MMIC Active Doubler
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MIMIX [Mimix Broadband]
홈페이지  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XX1000-BD-EV1 데이터시트(HTML) 5 Page - Mimix Broadband

  XX1000-BD-EV1 Datasheet HTML 1Page - Mimix Broadband XX1000-BD-EV1 Datasheet HTML 2Page - Mimix Broadband XX1000-BD-EV1 Datasheet HTML 3Page - Mimix Broadband XX1000-BD-EV1 Datasheet HTML 4Page - Mimix Broadband XX1000-BD-EV1 Datasheet HTML 5Page - Mimix Broadband XX1000-BD-EV1 Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Page 5 of 6
Device Schematic
Mimix Broadband MMIC-based 18.0-34.0 GHz Doubler/Receiver Block Diagram
(Changing LO and IF frequencies as required allows design to operate as high as 34 GHz)
Typical Application
RF IN
21.5-23.5 GHz
IR Mixer
XR1002
BPF
IF Out
2 GHz
Atten=0-12dB
AGC Control
LO(+3.0dBm)
9.75-11.75 GHz
11.75-12.75 GHz
19.5-21.5 GHz (USB Operation)
23.5-25.5 GHz (LSB Operation)
XX1000-BD
X2
7.5-25.0/15.0-50.0 GHz GaAs MMIC
Active Doubler
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
March 2007 - Rev 26-Mar-07
X1000-BD


유사한 부품 번호 - XX1000-BD-EV1

제조업체부품명데이터시트상세설명
logo
Mimix Broadband
XX1000-BD-EV1 MIMIX-XX1000-BD-EV1 Datasheet
305Kb / 7P
   7.5-25.0/15.0-50.0 GHz GaAs MMIC Active Doubler
logo
M/A-COM Technology Solu...
XX1000-BD-EV1 MA-COM-XX1000-BD-EV1 Datasheet
781Kb / 9P
   Excellent Broadband Mixer Driver
More results

유사한 설명 - XX1000-BD-EV1

제조업체부품명데이터시트상세설명
logo
Mimix Broadband
XX1000 MIMIX-XX1000 Datasheet
497Kb / 6P
   7.5-25.0/15.0-50.0 GHz GaAs MMIC Active Doubler
XX1000-BD_0708 MIMIX-XX1000-BD_0708 Datasheet
305Kb / 7P
   7.5-25.0/15.0-50.0 GHz GaAs MMIC Active Doubler
XX1000-QT MIMIX-XX1000-QT_10 Datasheet
1Mb / 8P
   7.5-22.5/15.0-45.0 GHz Active Doubler
XX1000-QT MIMIX-XX1000-QT_08 Datasheet
663Kb / 8P
   7.5-22.5/15.0-45.0 GHz Active Doubler QFN, 3x3 mm
XX1000-QT MIMIX-XX1000-QT_07 Datasheet
656Kb / 8P
   7.5-22.5/15.0-45.0 GHz Active Doubler QFN, 3x3 mm
XX1000-QT MIMIX-XX1000-QT Datasheet
610Kb / 7P
   7.5-22.5/15.0-45.0 GHz Active Doubler QFN, 3x3 mm
XD1002 MIMIX-XD1002_10 Datasheet
1Mb / 7P
   0.05-50.0 GHz GaAs MMIC
XD1001 MIMIX-XD1001_10 Datasheet
1Mb / 8P
   18.0-50.0 GHz GaAs MMIC
30DBL0537 MIMIX-30DBL0537 Datasheet
181Kb / 5P
   14.5-17.0/29.0-34.0 GHz GaAs MMIC Active Doubler
XX1007-BD MIMIX-XX1007-BD Datasheet
377Kb / 6P
   13.5-17.0/27.0-34.0 GHz GaAs MMIC Active Doubler
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com