전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XX1000-QT-EV1 데이터시트(PDF) 5 Page - Mimix Broadband

부품명 XX1000-QT-EV1
상세설명  7.5-22.5/15.0-45.0 GHz Active Doubler QFN, 3x3 mm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MIMIX [Mimix Broadband]
홈페이지  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XX1000-QT-EV1 데이터시트(HTML) 5 Page - Mimix Broadband

  XX1000-QT-EV1 Datasheet HTML 1Page - Mimix Broadband XX1000-QT-EV1 Datasheet HTML 2Page - Mimix Broadband XX1000-QT-EV1 Datasheet HTML 3Page - Mimix Broadband XX1000-QT-EV1 Datasheet HTML 4Page - Mimix Broadband XX1000-QT-EV1 Datasheet HTML 5Page - Mimix Broadband XX1000-QT-EV1 Datasheet HTML 6Page - Mimix Broadband XX1000-QT-EV1 Datasheet HTML 7Page - Mimix Broadband XX1000-QT-EV1 Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Top View
XX1000-QT
wwwwwww
PxxxxG
Top View
Page 5 of 8
7.5-22.5/15.0-45.0 GHz Active Doubler
QFN, 3x3 mm
X1000-QT
Functional Schematic
Pin Designation
Pin Number
Function
Typ. Value
Units
3
RF IN
-10 to +10
dBm
5
VG1
-0.6
V
6
VSS
-5
V
7
VG2
0.0 or GND
1
V
10
RF OUT
+17
dBm
13
VD2
+5.0
V
15
VD1
+5.0
V
2, 4, 9, 11
GND
8, 12, 14, 16
N/C
1 VG2 can be used for current regulating VD2 or VG2 can be set to GND with
VD2 self-biasing at approximately 140mA.
Physical Dimensions
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
February 2007 - Rev 08-Feb-07


유사한 부품 번호 - XX1000-QT-EV1

제조업체부품명데이터시트상세설명
logo
Mimix Broadband
XX1000-QT-EV1 MIMIX-XX1000-QT-EV1 Datasheet
610Kb / 7P
   7.5-22.5/15.0-45.0 GHz Active Doubler QFN, 3x3 mm
XX1000-QT-EV1 MIMIX-XX1000-QT-EV1 Datasheet
663Kb / 8P
   7.5-22.5/15.0-45.0 GHz Active Doubler QFN, 3x3 mm
More results

유사한 설명 - XX1000-QT-EV1

제조업체부품명데이터시트상세설명
logo
Mimix Broadband
XX1000-QT MIMIX-XX1000-QT_08 Datasheet
663Kb / 8P
   7.5-22.5/15.0-45.0 GHz Active Doubler QFN, 3x3 mm
XX1000-QT MIMIX-XX1000-QT Datasheet
610Kb / 7P
   7.5-22.5/15.0-45.0 GHz Active Doubler QFN, 3x3 mm
XX1000-QT MIMIX-XX1000-QT_10 Datasheet
1Mb / 8P
   7.5-22.5/15.0-45.0 GHz Active Doubler
XX1000-BD MIMIX-XX1000-BD Datasheet
301Kb / 6P
   7.5-25.0/15.0-50.0 GHz GaAs MMIC Active Doubler
XX1000 MIMIX-XX1000 Datasheet
497Kb / 6P
   7.5-25.0/15.0-50.0 GHz GaAs MMIC Active Doubler
XX1000-BD_0708 MIMIX-XX1000-BD_0708 Datasheet
305Kb / 7P
   7.5-25.0/15.0-50.0 GHz GaAs MMIC Active Doubler
XX1002-QH MIMIX-XX1002-QH_08 Datasheet
1Mb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler QFN, 4x4 mm
XX1002-QH MIMIX-XX1002-QH Datasheet
490Kb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler QFN, 4x4 mm
XX1002-QH MIMIX-XX1002-QH_07 Datasheet
1Mb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler QFN, 4x4 mm
40REC0770-QB MIMIX-40REC0770-QB Datasheet
228Kb / 7P
   35.0-45.0 GHz GaAs Receiver QFN, 7x7 mm
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com