전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL21007 데이터시트(PDF) 8 Page - Intersil Corporation

부품명 ISL21007
상세설명  Precision, Low Noise FGA??Voltage References
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21007 데이터시트(HTML) 8 Page - Intersil Corporation

Back Button ISL21007 Datasheet HTML 4Page - Intersil Corporation ISL21007 Datasheet HTML 5Page - Intersil Corporation ISL21007 Datasheet HTML 6Page - Intersil Corporation ISL21007 Datasheet HTML 7Page - Intersil Corporation ISL21007 Datasheet HTML 8Page - Intersil Corporation ISL21007 Datasheet HTML 9Page - Intersil Corporation ISL21007 Datasheet HTML 10Page - Intersil Corporation ISL21007 Datasheet HTML 11Page - Intersil Corporation ISL21007 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
FN6326.1
April 12, 2007
Typical Performance Curves (ISL21007-25) (R
EXT = 100kΩ)
FIGURE 15. IIN vs VIN (3 UNITS)
FIGURE 16. IIN vs VIN OVER TEMPERATURE
FIGURE 17. LINE REGULATION (3 UNITS)
FIGURE 18. LINE REGULATION OVER TEMPERATURE
FIGURE 19. LOAD REGULATION OVER TEMPERATURE
FIGURE 20. VOUT vs TEMPERATURE (3 UNITS)
0
20
40
60
80
100
120
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VIN (V)
UNIT 3
UNIT 2
UNIT 1
60
65
70
75
80
85
90
95
100
2.5
3.0
4.0
4.5
5.0
5.5
VIN (V)
3.5
+125°C
+25°C
-40°C
2.49960
2.49970
2.49980
2.49990
2.50000
2.50010
2.50020
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
UNIT 1
UNIT 2
UNIT 3
-400
-350
-300
-250
-200
-150
-100
-50
0
50
100
2.5
3.0
3.5
4.5
5.0
5.5
VIN (V)
4.0
6.0
+125°C
+25°C
-40°C
-1.00
-0.80
-0.60
-0.40
-0.20
0.00
0.20
0.40
0.60
-7
-6
-5
-4
-3
-2
-1
0123
45
6
SINKING
SOURCING
7
OUTPUT CURRENT (mA)
+125°C
+25°C
-40°C
2.4993
2.4994
2.4995
2.4996
2.4997
2.4998
2.4999
2.5000
2.5001
2.5002
2.5003
-40
-20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
NORMALIZED TO +25°C
UNIT 1
UNIT 2
UNIT 3
ISL21007


유사한 부품 번호 - ISL21007

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL21007 INTERSIL-ISL21007 Datasheet
879Kb / 18P
   Precision, Low Noise FGA?줧oltage References
ISL21007 INTERSIL-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Intersil Corporation
ISL21007BFB812Z INTERSIL-ISL21007BFB812Z Datasheet
879Kb / 18P
   Precision, Low Noise FGA?줧oltage References
ISL21007BFB812Z INTERSIL-ISL21007BFB812Z Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
More results

유사한 설명 - ISL21007

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Intersil Corporation
ISL21009 INTERSIL-ISL21009 Datasheet
326Kb / 13P
   Precision, Low Noise FGA??Voltage References
ISL21007 INTERSIL-ISL21007_11 Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
ISL21007_0712 INTERSIL-ISL21007_0712 Datasheet
879Kb / 18P
   Precision, Low Noise FGA?줧oltage References
ISL21009_0709 INTERSIL-ISL21009_0709 Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009MEP INTERSIL-ISL21009MEP Datasheet
557Kb / 14P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009 INTERSIL-ISL21009_09 Datasheet
721Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com