전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL22349WFV14Z 데이터시트(PDF) 3 Page - Intersil Corporation

부품명 ISL22349WFV14Z
상세설명  Quad Digitally Controlled Potentiometers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22349WFV14Z 데이터시트(HTML) 3 Page - Intersil Corporation

  ISL22349WFV14Z Datasheet HTML 1Page - Intersil Corporation ISL22349WFV14Z Datasheet HTML 2Page - Intersil Corporation ISL22349WFV14Z Datasheet HTML 3Page - Intersil Corporation ISL22349WFV14Z Datasheet HTML 4Page - Intersil Corporation ISL22349WFV14Z Datasheet HTML 5Page - Intersil Corporation ISL22349WFV14Z Datasheet HTML 6Page - Intersil Corporation ISL22349WFV14Z Datasheet HTML 7Page - Intersil Corporation ISL22349WFV14Z Datasheet HTML 8Page - Intersil Corporation ISL22349WFV14Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
FN6331.2
September 15, 2006
Absolute Maximum Ratings
Thermal Information
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Voltage at any Digital Interface Pin
with Respect to GND . . . . . . . . . . . . . . . . . . . . . -0.3V to VCC+0.3
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6V
Voltage at any DCP Pin with Respect to GND. . . . . . . -0.3V to VCC
Lead Temperature (Soldering, 10s) . . . . . . . . . . . . . . . . . . . . +300°C
IW (10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±6mA
Latchup (Note 4) . . . . . . . . . . . . . . . . . . Class II, Level B @ +125°C
ESD (HBM) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.5kV
(CDM) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1kV
Thermal Resistance (Typical, Note 3)
θ
JA (°C/W)
14 Ld TSSOP package . . . . . . . . . . . . . . . . . . . . . .
+100
Maximum Junction Temperature (Plastic Package)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+50°C to +150°C
Recommended Operating Conditions
Ambient Temperature . . . . . . . . . . . . . . . . . . . . . . . -40°C to +125°C
VCC Voltage for DCP Operation . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
Wiper Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -3mA to 3mA
Power Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mW
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
3.
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
4. Jedec Class II pulse conditions and failure criterion used. Level B exceptions are: using a max positive pulse of 6.5V on the SHDN pin, and using
a max negative pulse of -0.8V for all pins.
Analog Specifications
Over recommended operating conditions unless otherwise stated.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(NOTE 5)
MAX
UNIT
RTOTAL
End-to-End Resistance
W option
10
k
U option
50
k
End-to-End Resistance Tolerance
W and U option
-20
+20
%
End-to-End Temperature Coefficient
W option
±50
ppm/°C
(Note 13)
U option
±80
ppm/°C
(Note 13)
RW
(Note 13)
Wiper Resistance
VCC = 3.3V @ +25°C,
wiper current = VCC/RTOTAL
70
CW
(Note 13)
Wiper Capacitance
25
pF
VOLTAGE DIVIDER MODE (measured at RWi, unloaded; i = 0, 1, 2, or 3)
INL
(Note 10)
Integral Non-linearity
Monotonic over all tap positions
-1
1
LSB
(Note 6)
DNL
(Note 9)
Differential Non-linearity
Monotonic over all tap positions
-0.5
0.5
LSB
(Note 6)
ZSerror
(Note 7)
Zero-scale Error
W option
0
1
5
LSB
(Note 6)
U option
0
0.5
2
FSerror
(Note 8)
Full-scale Error
W option
-5
-1
0
LSB
(Note 6)
U option
-2
-1
0
VMATCH
(Note 11)
DCP to DCP Matching
Any two DCPs at the same tap position
-2
2
LSB
(Note 6)
TCV
(Note 12)
Ratiometric Temperature Coefficient
DCP register set to 40 hex
±4
ppm/°C
ISL22349


유사한 부품 번호 - ISL22349WFV14Z

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL22349WFV14Z INTERSIL-ISL22349WFV14Z Datasheet
389Kb / 13P
   Quad Digitally Controlled Potentiometers
logo
Renesas Technology Corp
ISL22349WFV14Z RENESAS-ISL22349WFV14Z Datasheet
830Kb / 13P
   Quad Digitally Controlled Potentiometers (XDCP™) Low Noise, Low Power, I2C™ Bus, 128 Taps, Wiper Only
May 28, 2009
More results

유사한 설명 - ISL22349WFV14Z

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL22346 INTERSIL-ISL22346_09 Datasheet
586Kb / 16P
   Quad Digitally Controlled Potentiometers
X9259 INTERSIL-X9259_07 Datasheet
319Kb / 21P
   Quad Digitally-Controlled Potentiometers
X9400WS24ZT1 INTERSIL-X9400WS24ZT1 Datasheet
405Kb / 20P
   Quad Digitally Controlled Potentiometers
September 2, 2015
X9408YS24 INTERSIL-X9408YS24 Datasheet
333Kb / 20P
   Quad Digitally Controlled Potentiometers
January 15, 2009
X9400 INTERSIL-X9400_06 Datasheet
356Kb / 19P
   Quad Digitally Controlled Potentiometers
ISL22346 INTERSIL-ISL22346 Datasheet
485Kb / 13P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349_09 Datasheet
389Kb / 13P
   Quad Digitally Controlled Potentiometers
X9409 INTERSIL-X9409_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
logo
Xicor Inc.
X9409 XICOR-X9409 Datasheet
407Kb / 21P
   Quad Digitally Controlled Potentiometers
logo
Intersil Corporation
X9250 INTERSIL-X9250_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com