전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL28288FUZ-T7 데이터시트(PDF) 1 Page - Intersil Corporation

부품명 ISL28288FUZ-T7
상세설명  Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28288FUZ-T7 데이터시트(HTML) 1 Page - Intersil Corporation

  ISL28288FUZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL28288FUZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL28288FUZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL28288FUZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL28288FUZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL28288FUZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL28288FUZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL28288FUZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL28288FUZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
®
FN6339.0
ISL28288
Dual Micropower Single Supply
Rail-to-Rail Input and Output (RRIO)
Precision Op-Amp
The ISL28288 is a dual channel micropower precision
operational amplifier optimized for single supply operation at
5V and can operate down to 2.4V. For equivalent
performance in a single channel op-amp reference EL8188.
The ISL28288 features an Input Range Enhancement Circuit
(IREC) which enables the ISL28288 to maintain CMRR
performance for input voltages equal to the positive and
negative supply rails. The input signal is capable of swinging
10% above the positive supply rail and to 100mV below the
negative supply with only a slight degradation of the CMRR
performance. The output operation is rail to rail.
The ISL28288 draws minimal supply current while meeting
excellent DC-accuracy, AC-performance, noise and output
drive specifications.
The ISL28288 can be operated from one lithium cell or two
Ni-Cd batteries. The input range includes both positive and
negative rail.
Ordering Information
Features
• Low power 120µA typ supply current for both channels
• 1.5mV max offset voltage
• 30pA typ input bias current
• 300kHz gain-bandwidth product
• 100dB typ PSRR and CMRR
• Single supply operation down to 2.4V
• Input is capable of swinging above V+ and below V-
(ground sensing)
• Rail-to-rail input and output (RRIO)
• Pb-free plus anneal available (RoHS compliant)
Applications
• Battery- or solar-powered systems
• 4mA to 25mA current loops
• Handheld consumer products
• Medical devices
• Thermocouple amplifiers
• Photodiode pre-amps
• pH probe amplifiers
Pinout
ISL28288
(10 LD MSOP)
TOP VIEW
PART NUMBER
PART
MARKING
TAPE &
REEL
PACKAGE
PKG.
DWG. #
ISL28288FUZ
(See Note)
28288Z
50/Tube
10 Ld MSOP
(Pb-free)
MDP0043
ISL28288FUZ-T7
(See Note)
28288Z
7”
(1500 pcs)
10 Ld MSOP
(Pb-free)
MDP0043
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
-
+
-
+
IN+_A
EN_A
V-
EN_B
IN-_A
OUT_A
V+
OUT_B
IN+_B
IN-_B
1
2
3
4
10
9
8
7
5
6
Data Sheet
September 20, 2006
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


유사한 부품 번호 - ISL28288FUZ-T7

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28288FUZ-T7 INTERSIL-ISL28288FUZ-T7 Datasheet
473Kb / 13P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
More results

유사한 설명 - ISL28288FUZ-T7

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28286 INTERSIL-ISL28286 Datasheet
516Kb / 15P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
ISL28278 INTERSIL-ISL28278 Datasheet
509Kb / 13P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
EL8178 INTERSIL-EL8178_07 Datasheet
773Kb / 12P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
EL8178 RENESAS-EL8178 Datasheet
1Mb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Intersil Corporation
EL8178 INTERSIL-EL8178_08 Datasheet
804Kb / 15P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
ISL28286 RENESAS-ISL28286 Datasheet
893Kb / 14P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 28, 2007
logo
Intersil Corporation
ISL28176 INTERSIL-ISL28176 Datasheet
972Kb / 19P
   Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
ISL28176 RENESAS-ISL28176 Datasheet
1Mb / 19P
   Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 23, 2009
ISL28288 RENESAS-ISL28288 Datasheet
1Mb / 20P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op Amp
logo
Intersil Corporation
ISL28278 INTERSIL-ISL28278_07 Datasheet
496Kb / 13P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com