전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL54205AIRUZ-T 데이터시트(PDF) 7 Page - Intersil Corporation

부품명 ISL54205AIRUZ-T
상세설명  MP3/USB 2.0 High Speed Switch with Negative Signal Handling
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54205AIRUZ-T 데이터시트(HTML) 7 Page - Intersil Corporation

Back Button ISL54205AIRUZ-T Datasheet HTML 3Page - Intersil Corporation ISL54205AIRUZ-T Datasheet HTML 4Page - Intersil Corporation ISL54205AIRUZ-T Datasheet HTML 5Page - Intersil Corporation ISL54205AIRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54205AIRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54205AIRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54205AIRUZ-T Datasheet HTML 9Page - Intersil Corporation ISL54205AIRUZ-T Datasheet HTML 10Page - Intersil Corporation ISL54205AIRUZ-T Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
FN6342.1
December 7, 2006
FIGURE 5. CAPACITANCE TEST CIRCUIT
FIGURE 6. AUDIO CROSSTALK TEST CIRCUIT
FIGURE 7A. MEASUREMENT POINTS
FIGURE 7B. TEST CIRCUIT
FIGURE 7. SKEW TEST
Test Circuits and Waveforms (Continued)
VDD
C
GND
AUDIO OR USB
COMx
VBUS
IMPEDANCE
ANALYZER
VBUSL or
Repeat test for all switches.
CTRL
VBUSH
0V or Float
ANALYZER
VDD
C
L or R
SIGNAL
GENERATOR
RL
GND
VBUS
COMx
32
Ω
N.C.
COMx
R or L
Signal direction through switch is reversed, worst case values
are recorded. Repeat test for all switches.
CTRL
DIN+
DIN-
OUT+
OUT-
50%
50%
90%
10%
10%
10%
10%
90%
90%
50%
90%
50%
tri
tfi
tro
tf0
tskew_i
tskew_o
OUT+
CL
COM-
D+
GND
VDD
C
D-
COM+
CL
OUT-
DIN+
DIN-
|tro - tri| Delay Due to Switch for Rising Input and Rising Output Signals.
|tfo - tfi| Delay Due to Switch for Falling Input and Falling Output Signals.
|tskew_0| Change in Skew through the Switch for Output Signals.
|tskew_i| Change in Skew through the Switch for Input Signals.
15.8
Ω
15.8
Ω
143
Ω
143
Ω
45
Ω
45
Ω
CTRL
VBUS
VBUSH
ISL54205A


유사한 부품 번호 - ISL54205AIRUZ-T

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL54205AIRUZ-T RENESAS-ISL54205AIRUZ-T Datasheet
767Kb / 14P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results

유사한 설명 - ISL54205AIRUZ-T

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54206 INTERSIL-ISL54206 Datasheet
342Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54205B RENESAS-ISL54205B Datasheet
1Mb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205B INTERSIL-ISL54205B Datasheet
706Kb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 INTERSIL-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54206 RENESAS-ISL54206 Datasheet
751Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A RENESAS-ISL54206A Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 RENESAS-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A_1010 INTERSIL-ISL54206A_1010 Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com