전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FCA16N60_F109 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 FCA16N60_F109
상세설명  600V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCA16N60_F109 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  FCA16N60_F109 Datasheet HTML 1Page - Fairchild Semiconductor FCA16N60_F109 Datasheet HTML 2Page - Fairchild Semiconductor FCA16N60_F109 Datasheet HTML 3Page - Fairchild Semiconductor FCA16N60_F109 Datasheet HTML 4Page - Fairchild Semiconductor FCA16N60_F109 Datasheet HTML 5Page - Fairchild Semiconductor FCA16N60_F109 Datasheet HTML 6Page - Fairchild Semiconductor FCA16N60_F109 Datasheet HTML 7Page - Fairchild Semiconductor FCA16N60_F109 Datasheet HTML 8Page - Fairchild Semiconductor FCA16N60_F109 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
www.fairchildsemi.com
FCA16N60 REV. A1
Typical Performance Characteristics (Continued)
Figure 7. Breakdown Voltage Variation
Figure 8. On-Resistance Variation
vs. Temperature
vs. Temperature
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs. Case Temperature
Figure 11. Transient Thermal Response Curve
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
* Notes :
1. VGS = 0 V
2. ID = 250 μA
T
J, Junction Temperature [
oC]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
∗ Notes :
1. VGS = 10 V
2. ID = 8 A
T
J, Junction Temperature [
oC]
25
50
75
100
125
150
0
5
10
15
20
T
C, Case Temperature [°C]
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
10
2
10 us
Operation in This Area
is Limited by R
DS(on)
DC
1 ms
100 us
∗ Notes :
1. TC = 25
oC
2. TJ = 150
oC
3. Single Pulse
V
DS, Drain-Source Voltage [V]
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
∗ N o te s :
1 . Z
θ JC (t) = 0 .7 5
o C/W M ax.
2 . D u ty F a c to r, D = t
1 /t2
3 . T
JM - T C = P DM * Z θ JC (t)
single pulse
D= 0 .5
0.02
0.2
0.05
0.1
0.01
t
1 , S q u a r e W a v e P u ls e D u r a tio n [s e c ]
t1
PDM
t2


유사한 부품 번호 - FCA16N60_F109

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FCA16N60_F109 FAIRCHILD-FCA16N60_F109 Datasheet
755Kb / 9P
   600V N-Channel MOSFET
More results

유사한 설명 - FCA16N60_F109

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FCI7N60 FAIRCHILD-FCI7N60 Datasheet
951Kb / 8P
   600V N-Channel MOSFET
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCD5N60 FAIRCHILD-FCD5N60 Datasheet
947Kb / 9P
   600V N-Channel MOSFET
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
   600V N-Channel MOSFET
FQP3N60C FAIRCHILD-FQP3N60C Datasheet
738Kb / 8P
   600V N-Channel MOSFET
FCP260N60E FAIRCHILD-FCP260N60E Datasheet
283Kb / 10P
   600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com