전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FCB20N60 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FCB20N60
상세설명  600V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCB20N60 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FCB20N60 Datasheet HTML 1Page - Fairchild Semiconductor FCB20N60 Datasheet HTML 2Page - Fairchild Semiconductor FCB20N60 Datasheet HTML 3Page - Fairchild Semiconductor FCB20N60 Datasheet HTML 4Page - Fairchild Semiconductor FCB20N60 Datasheet HTML 5Page - Fairchild Semiconductor FCB20N60 Datasheet HTML 6Page - Fairchild Semiconductor FCB20N60 Datasheet HTML 7Page - Fairchild Semiconductor FCB20N60 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.fairchildsemi.com
FCB20N60 Rev. A1
Typical Performance Characteristics
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On-Resistance Variation vs.
Figure 4. Body Diode Forward Voltage
Drain Current and Gate Voltage
Variation vs. Source Current
and Temperatue
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
10
-1
10
0
10
1
10
0
10
1
10
2
V
GS
Top :
15.0 V
10.0 V
8.0 V
7.0 V
6.5 V
6.0 V
Bottom : 5.5 V
Notes :
1. 250µs Pulse Test
2. T
C = 25°C
V
DS, Drain-Source Voltage [V]
246
8
10
10
0
10
1
10
2
Note
1. V
DS = 40V
2. 250µs Pulse Test
-55°C
150°C
25°C
V
GS , Gate-Source Voltage [V]
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
0.0
0.1
0.2
0.3
0.4
V
GS = 20V
V
GS = 10V
Note : T
J = 25°C
I
D, Drain Current [A]
0.20.4
0.60.8
1.01.2
1.41.6
10
0
10
1
10
2
25°C
150°C
Notes :
1. V
GS = 0V
2. 250µs Pulse Test
V
SD , Source-Drain Voltage [V]
10
-1
10
0
10
1
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
10000
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
Notes :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
0
102030
4050607080
0
2
4
6
8
10
12
V
DS = 250V
V
DS = 100V
V
DS = 400V
Note : I
D = 20A
Q
G, Total Gate Charge [nC]


유사한 부품 번호 - FCB20N60

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FCB20N60 FAIRCHILD-FCB20N60 Datasheet
614Kb / 8P
   600V N-Channel MOSFET
logo
Inchange Semiconductor ...
FCB20N60 ISC-FCB20N60 Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FCB20N60F FAIRCHILD-FCB20N60F Datasheet
862Kb / 8P
   600V N-CHANNEL FRFET
logo
Inchange Semiconductor ...
FCB20N60F ISC-FCB20N60F Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FCB20N60FTM FAIRCHILD-FCB20N60FTM Datasheet
862Kb / 8P
   600V N-CHANNEL FRFET
More results

유사한 설명 - FCB20N60

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FCI7N60 FAIRCHILD-FCI7N60 Datasheet
951Kb / 8P
   600V N-Channel MOSFET
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCD5N60 FAIRCHILD-FCD5N60 Datasheet
947Kb / 9P
   600V N-Channel MOSFET
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
   600V N-Channel MOSFET
FQP3N60C FAIRCHILD-FQP3N60C Datasheet
738Kb / 8P
   600V N-Channel MOSFET
FCP260N60E FAIRCHILD-FCP260N60E Datasheet
283Kb / 10P
   600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com