전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL14017 데이터시트(PDF) 5 Page - Intersil Corporation

부품명 ISL14017
상세설명  Low Jitter Clock Generators for Set-Top Box
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL14017 데이터시트(HTML) 5 Page - Intersil Corporation

  ISL14017 Datasheet HTML 1Page - Intersil Corporation ISL14017 Datasheet HTML 2Page - Intersil Corporation ISL14017 Datasheet HTML 3Page - Intersil Corporation ISL14017 Datasheet HTML 4Page - Intersil Corporation ISL14017 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
FN6407.1
April 16, 2007
ISL14010, ISL14017
Package Outline Drawing
L16.3x3
16 LEAD QUAD FLAT NO-LEAD PLASTIC PACKAGE
Rev 2, 4/07
located within the zone indicated. The pin #1 indentifier may be
Unless otherwise specified, tolerance : Decimal ± 0.05
Tiebar shown (if present) is a non-functional feature.
The configuration of the pin #1 identifier is optional, but must be
between 0.15mm and 0.30mm from the terminal tip.
Dimension b applies to the metallized terminal and is measured
Dimensions in (
) for Reference Only.
Dimensioning and tolerancing conform to AMSE Y14.5m-1994.
6.
either a mold or mark feature.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
BOTTOM VIEW
DETAIL "X"
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
BOTTOM VIEW
SIDE VIEW
( 2. 80 TYP )
(
1. 50 )
(4X)
0.15
6
PIN 1
INDEX AREA
3.00
0 . 00 MIN.
0 . 05 MAX.
( 16X 0 . 60)
( 16X 0 . 23 )
C
0 . 2 REF
5
16X 0.40 ± 0.10
0 . 90 ± 0.1
( 12X 0 . 5 )
9
8
B
A
12
1.5
12X 0.50
4X
13
SEATING PLANE
0.08
C
SEE DETAIL "X"
BASE PLANE
C
0.10
16X 0.23
0.10
5
4
4
- 0.05
+ 0.07
B
C
MA
1 .50 ± 0 . 15
C
PIN #1 INDEX AREA
1
16
6


유사한 부품 번호 - ISL14017

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL14017 RENESAS-ISL14017 Datasheet
391Kb / 5P
   Low Jitter Clock Generators for Set-Top Box
Apr 16, 2007
ISL14017IRZ RENESAS-ISL14017IRZ Datasheet
391Kb / 5P
   Low Jitter Clock Generators for Set-Top Box
Apr 16, 2007
More results

유사한 설명 - ISL14017

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL14011 RENESAS-ISL14011 Datasheet
383Kb / 5P
   Low Jitter Clock Generators for Set-Top Box
Jan 30, 2007
logo
Intersil Corporation
ISL14011 INTERSIL-ISL14011 Datasheet
117Kb / 5P
   Low Jitter Clock Generators for Set-Top Box
logo
Renesas Technology Corp
ISL14010 RENESAS-ISL14010 Datasheet
391Kb / 5P
   Low Jitter Clock Generators for Set-Top Box
Apr 16, 2007
logo
Integrated Circuit Syst...
ICS615 ICST-ICS615 Datasheet
57Kb / 4P
   Set-Top Box Clock Source
logo
Cypress Semiconductor
CY24713 CYPRESS-CY24713 Datasheet
149Kb / 6P
   Set-top Box Clock Generator with VCXO
logo
STMicroelectronics
EVL6566B-40WSTB STMICROELECTRONICS-EVL6566B-40WSTB Datasheet
288Kb / 5P
   Set-top box
STI5517 STMICROELECTRONICS-STI5517 Datasheet
95Kb / 3P
   Low-cost set-top box decoder
logo
Faraday Technology
AH1013 FARADAY-AH1013 Datasheet
72Kb / 2P
   SET-TOP BOX FILTERS
logo
STMicroelectronics
STI5107 STMICROELECTRONICS-STI5107 Datasheet
274Kb / 14P
   Low-cost interactive set-top box decoder
STM5105 STMICROELECTRONICS-STM5105 Datasheet
110Kb / 3P
   Low-cost interactive set-top box decoder
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com