전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL54208 데이터시트(PDF) 1 Page - Intersil Corporation

부품명 ISL54208
상세설명  Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54208 데이터시트(HTML) 1 Page - Intersil Corporation

  ISL54208 Datasheet HTML 1Page - Intersil Corporation ISL54208 Datasheet HTML 2Page - Intersil Corporation ISL54208 Datasheet HTML 3Page - Intersil Corporation ISL54208 Datasheet HTML 4Page - Intersil Corporation ISL54208 Datasheet HTML 5Page - Intersil Corporation ISL54208 Datasheet HTML 6Page - Intersil Corporation ISL54208 Datasheet HTML 7Page - Intersil Corporation ISL54208 Datasheet HTML 8Page - Intersil Corporation ISL54208 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
®
FN6410.0
ISL54208
Low Voltage, Dual SPDT, USB/CVBS/
Audio Switches, with Negative Signal
Capability
The Intersil ISL54208 dual SPDT (Single Pole/Double
Throw) switches combine low distortion audio/video and
accurate USB 2.0 high speed (480Mbps) data signal
switching in the same low voltage device. When operated
with a 2.7V to 3.6V single supply these analog switches
allow audio/video signal swings below-ground, allowing the
use of a common USB and audio/video connector in digital
cameras, camcorders and other portable battery powered
Personal Media Player devices.
The ISL54208 logic control pins are 1.8V logic compatible
which allows control via a standard
μcontroller. With a VDD
voltage in the range of 2.7V to 3.6V the IN pin voltage can
exceed the VDD rail allowing for the USB 5V VBUS voltage
from a computer to directly drive the IN pin to switch
between the audio/video and USB signal sources in the
portable device. The part has an enable control pin to open
all the switches and put the part in a low power state.
The ISL54208 is available in a small 10 Ld 2.1mmx1.6mm
ultra-thin
μTQFN package and a 10 Ld 3mmx3mm TDFN
package. It operates over a temperature range of -40 to
+85°C.
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
• Application Note AN557 “Recommended Test Procedures
for Analog Switches”
Features
• High Speed (480Mbps) Signaling Capability per USB 2.0
• Low Distortion Negative Signal Capability
• Control Pin to Open all Switches and Enter Low Power
State
• Low Distortion Mono Audio Signal
- THD+N at 20mW into 32
Ω Load . . . . . . . . . . . . . <0.1%
• Low Distortion Color Video Signal
- Differential Gain . . . . . . . . . . . . . . . . . . . . . . . . . . 0.28%
- Differential Phase. . . . . . . . . . . . . . . . . . . . . . . . . . 0.04°
• Cross-talk NCx Channels (4MHz) . . . . . . . . . . . . . . -78dB
• Single Supply Operation (VDD) . . . . . . . . . . . . 1.8V to 5.5V
• -3dB Bandwidth USB NOx Switches . . . . . . . . . . . 630MHz
• Available in μTQFN and TDFN Packages
• Pb-Free Plus Anneal (RoHS Compliant)
• Compliant with USB 2.0 Short Circuit Requirements
Without Additional External Components
Applications
• Digital Camera and Camcorders
• Video MP3 and other Personal Media Players
• Cellular/Mobile Phones
•PDA’s
• Audio/Video/USB Switching
Application Block Diagram
LOGIC CIRCUITRY
ISL54208
USB
TRANSCEIVER
HIGH-SPEED
AUDIO
COM1
COM2
IN
GND
NO1
NO2
NC1
NC2
VDD
CTRL
μCONTROLLER
4M
Ω
50k
Ω
50k
Ω
NTSC or PAL
VIDEO
D+
D-
VBUS
Data Sheet
December 18, 2006
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


유사한 부품 번호 - ISL54208

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54208 INTERSIL-ISL54208 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL54208 RENESAS-ISL54208 Datasheet
890Kb / 15P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
ISL54208IRUZ-T RENESAS-ISL54208IRUZ-T Datasheet
890Kb / 15P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
ISL54208IRZ RENESAS-ISL54208IRZ Datasheet
890Kb / 15P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
ISL54208IRZ-T RENESAS-ISL54208IRZ-T Datasheet
890Kb / 15P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
More results

유사한 설명 - ISL54208

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54207 INTERSIL-ISL54207 Datasheet
468Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
logo
Renesas Technology Corp
ISL54207 RENESAS-ISL54207 Datasheet
833Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
ISL54208 RENESAS-ISL54208 Datasheet
890Kb / 15P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
ISL54415 RENESAS-ISL54415 Datasheet
871Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/Audio Switches with Negative Signal Capability
logo
Intersil Corporation
ISL54416 INTERSIL-ISL54416 Datasheet
490Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches with Negative Signal Capability
logo
Renesas Technology Corp
ISL54400 RENESAS-ISL54400 Datasheet
839Kb / 15P
   Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
logo
Intersil Corporation
ISL54400 INTERSIL-ISL54400 Datasheet
466Kb / 15P
   Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762_V01 Datasheet
481Kb / 15P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
2006
logo
ams AG
AS1747 AMSCO-AS1747_04 Datasheet
875Kb / 17P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762 Datasheet
512Kb / 15P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
19-3152; Rev 0; 1/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com