전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL12020 데이터시트(PDF) 7 Page - Intersil Corporation

부품명 ISL12020
상세설명  Low Power RTC with VDD Battery Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Day Light Saving
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12020 데이터시트(HTML) 7 Page - Intersil Corporation

Back Button ISL12020 Datasheet HTML 3Page - Intersil Corporation ISL12020 Datasheet HTML 4Page - Intersil Corporation ISL12020 Datasheet HTML 5Page - Intersil Corporation ISL12020 Datasheet HTML 6Page - Intersil Corporation ISL12020 Datasheet HTML 7Page - Intersil Corporation ISL12020 Datasheet HTML 8Page - Intersil Corporation ISL12020 Datasheet HTML 9Page - Intersil Corporation ISL12020 Datasheet HTML 10Page - Intersil Corporation ISL12020 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7
FN6450.0
March 29, 2007
General Description
The ISL12020 devices are low power real time clocks
(RTCs) with embedded temperature sensors. They contain
crystal frequency compensation circuitry over the operating
temperature range, clock/calendar, power fail and low
battery monitors, brown out indicator with separate
(LVRSET) reset pin (ISL12021 only), 1 periodic or polled
alarm, intelligent battery backup switching and 128 Bytes of
battery-backed user SRAM.
The oscillator uses an external, low cost 32.768kHz crystal.
The real time clock tracks time with separate registers for
hours, minutes and seconds. The device has calendar
registers for date, month, year and day of the week. The
calendar is accurate through 2099, with automatic leap year
correction. In addition, both the ISL12020 could be
programmed for automatic Daylight Saving Time (DST)
adjustment by entering local DST information.
The ISL1202x’s alarm can be set to any clock/calendar value
for a match. For example, every minute, every Tuesday or at
5:23 AM on March 21. The alarm status is available by
checking the Status Register, or the device can be
configured to provide a hardware interrupt via the IRQ pin.
There is a repeat mode for the alarm allowing a periodic
interrupt every minute, every hour, every day, etc.
The device also offers a backup power input pin. This VBAT
pin allows the device to be backed up by battery or Super
Cap with automatic switchover from VDD to VBAT. The
ISL12020 devices are specified for VDD = 2.7V to 5.5V and
the clock/calendar portion of the device remains fully
operational in battery backup mode down to 1.8V (Standby
Mode). The VBAT level is monitored and reported against
preselected levels. The first report is registered when the
VBAT level falls below 85% of nominal level, the second level
is set for 75%. Battery levels are stored in VBATM registers.
The ISL12020 offers a “Brown Out” alarm once the VDD
falls below a pre-selected trip level. In the ISL12020, this
allows system Micro to save vital information to memory
before complete power loss. There are six VDD levels that
could be selected for initiation of brown out alarm.
Pin Descriptions
X1, X2
The X1 and X2 pins are the input and output, respectively, of
an inverting amplifier. An external 32.768kHz quartz crystal
is used with the device to supply a timebase for the real time
clock. Internal compensation circuitry with internal
temperature sensor provides frequency corrections for
selected popular crystals to ±5ppm over the operating
temperature range from -40°C to +85°C. (See “Application
Section” on page 22 for recommended crystal). ISL12020
allows the user to input via I2C serial bus the temperature
variation profile of crystals not listed in the “Application
Section” on page 22. This oscillator compensation network
can also be used to calibrate the initial crystal timing
accuracy at room temperature. The device can also be
driven directly from a 32.768kHz source at pin X1.
VBAT
This input provides a backup supply voltage to the device.
VBAT supplies power to the device in the event that the VDD
supply fails. This pin can be connected to a battery, a Super
Capacitor or tied to ground if not used. See the Battery
Monitor parameter in the DC Operating Characteristics-RTC
on page 3.
IRQ/FOUT (Interrupt Output/Frequency Output)
This dual function pin can be used as an interrupt or
frequency output pin. The IRQ/FOUT mode is selected via
the frequency out control bits of the control/status register.
• Interrupt Mode. The pin provides an interrupt signal
output. This signal notifies a host processor that an alarm
has occurred and requests action. It is an open drain
active low output.
• Frequency Output Mode. The pin outputs a clock signal
which is related to the crystal frequency. The frequency
output is user selectable and enabled via the I2C bus. It is
an open drain output.
Serial Clock (SCL)
The SCL input is used to clock all serial data into and out of
the device. The input buffer on this pin is always active (not
gated). It is disabled when the backup power supply on the
VBAT pin is activated to minimize power consumption.
FIGURE 1. STANDARD OUTPUT LOAD FOR TESTING THE
DEVICE WITH VDD = 5.0V
SDA
AND
IRQ/FOUT
1533
Ω
100pF
5.0V
FOR VOL= 0.4V
AND IOL = 3mA
EQUIVALENT AC OUTPUT LOAD CIRCUIT FOR VDD = 5V
FIGURE 2. RECOMMENDED CRYSTAL CONNECTION
X1
X2
ISL12020


유사한 부품 번호 - ISL12020

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL12020M INTERSIL-ISL12020M Datasheet
476Kb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M INTERSIL-ISL12020M Datasheet
768Kb / 6P
   High-Accuracy RTC Modules, Feature-Rich RTCs
ISL12020M INTERSIL-ISL12020M Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL12020M INTERSIL-ISL12020M Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
ISL12020M INTERSIL-ISL12020M Datasheet
633Kb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
More results

유사한 설명 - ISL12020

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL12023 RENESAS-ISL12023 Datasheet
1Mb / 29P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
logo
Intersil Corporation
ISL12023 INTERSIL-ISL12023 Datasheet
389Kb / 28P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022 RENESAS-ISL12022 Datasheet
1Mb / 29P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
logo
Intersil Corporation
ISL12022MIBZ-T7A INTERSIL-ISL12022MIBZ-T7A Datasheet
900Kb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M INTERSIL-ISL12020M Datasheet
476Kb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022MA RENESAS-ISL12022MA Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MR5421 RENESAS-ISL12022MR5421 Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M RENESAS-ISL12020M Datasheet
1Mb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12022M INTERSIL-ISL12022M_10 Datasheet
620Kb / 31P
   Low Power RTC with Battery Backed SRAM,Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MA INTERSIL-ISL12022MA_10 Datasheet
866Kb / 29P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com