전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL1558IVEZ 데이터시트(PDF) 1 Page - Intersil Corporation

부품명 ISL1558IVEZ
상세설명  xDSL Differential Line Driver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1558IVEZ 데이터시트(HTML) 1 Page - Intersil Corporation

  ISL1558IVEZ Datasheet HTML 1Page - Intersil Corporation ISL1558IVEZ Datasheet HTML 2Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
®
FN6477.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2007. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
ISL1558
xDSL Differential Line Driver
The ISL1558 is a quad operational amplifier designed for
VDSL2 and ADSL2+ line driving in DMT based solutions.
This device features a high drive capability of 750mA while
consuming only 6mA of supply current per amplifier at low
bias and operating from a single 4.5V to 12V supply. The
driver achieves a typical distortion of -80dBc, at 200kHz into
a 50
Ω differential load.
The ISL1558 is available in the thermally-enhanced
24 Ld QFN package and is specified for operation over the
full -40°C to +85°C temperature range. The ISL1558 has
control pins C0 and C1 for controlling the bias and
enable/disable of the outputs. These controls allow for
lowering the power to fit the performance/power ratio for the
application.
The ISL1558 is ideal for VDSL2 and ADSL2+ central office
line driving applications, including both 14.5dBm and 21dBm
applications.
Features
• 21dBm output power capability
• Drives up to 750mA from a +12V supply
•20VP-P differential output drive into 21Ω
• -80dBc typical driver output distortion at full output at
200kHz
• -75dBc typical driver output distortion at 4MHz
• -71dBc typical driver output distortion at 10MHz
• -75dBc typical driver output distortion at 17MHz
• Low quiescent current of 6mA per amplifier
• Supply range
- ±2.25V to ±6V, 4.5V to 12V
• 300MHz bandwidth
• Thermal shutdown
• Pb-free plus anneal available (RoHS compliant)
Applications
• VDSL2/ADSL2+ line drivers
Ordering Information
PART NUMBER
(Note)
PART MARKING
TAPE AND REEL
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG. DWG. #
ISL1558IRZ
1558 IRZ
-
-40 to +85
24 Ld QFN
MDP0046
ISL1558IRZ-T13
1558 IRZ
13”
-40 to +85
24 Ld QFN
MDP0046
ISL1558IVEZ
ISL1558 IVEZ
-
-40 to +85
24 Ld HTSSOP
MDP0048
ISL1558IVEZ-T13
ISL1558 IVEZ
13”
-40 to +85
24 Ld HTSSOP
MDP0048
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Data Sheet
March 29, 2007
Get Full Datasheet


유사한 부품 번호 - ISL1558IVEZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL1550 INTERSIL-ISL1550 Datasheet
709Kb / 13P
   Single Port, VDSL2 Differential Line Driver
logo
Renesas Technology Corp
ISL1550 RENESAS-ISL1550 Datasheet
934Kb / 13P
   Single Port, VDSL2 Differential Line Driver
logo
Intersil Corporation
ISL1550 INTERSIL-ISL1550 Datasheet
709Kb / 13P
   Single Port, VDSL2 Differential Line Driver
March 16, 2012
ISL1550IRZ INTERSIL-ISL1550IRZ Datasheet
709Kb / 13P
   Single Port, VDSL2 Differential Line Driver
March 16, 2012
ISL1550IRZ INTERSIL-ISL1550IRZ Datasheet
709Kb / 13P
   Single Port, VDSL2 Differential Line Driver
More results

유사한 설명 - ISL1558IVEZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL1557IRZ INTERSIL-ISL1557IRZ Datasheet
110Kb / 2P
   xDSL Differential Line Driver
February 26, 2008
logo
Renesas Technology Corp
ISL1557 RENESAS-ISL1557 Datasheet
868Kb / 12P
   xDSL Differential Line Driver
logo
Intersil Corporation
ISL1556 INTERSIL-ISL1556 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
EL1517B INTERSIL-EL1517B Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1557 INTERSIL-ISL1557_08 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
EL1517 INTERSIL-EL1517 Datasheet
138Kb / 2P
   xDSL Differential Line Driver
EL1517 INTERSIL-EL1517_06 Datasheet
34Kb / 2P
   xDSL Differential Line Driver
ISL1557 INTERSIL-ISL1557 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
EL1517A INTERSIL-EL1517A Datasheet
33Kb / 2P
   xDSL Differential Line Driver
logo
STMicroelectronics
STLC60133 STMICROELECTRONICS-STLC60133 Datasheet
91Kb / 9P
   XDSL LINE DRIVER
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com