전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF820ALPBF 데이터시트(PDF) 9 Page - International Rectifier

부품명 IRF820ALPBF
상세설명  HEXFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF820ALPBF 데이터시트(HTML) 9 Page - International Rectifier

Back Button IRF820ALPBF Datasheet HTML 2Page - International Rectifier IRF820ALPBF Datasheet HTML 3Page - International Rectifier IRF820ALPBF Datasheet HTML 4Page - International Rectifier IRF820ALPBF Datasheet HTML 5Page - International Rectifier IRF820ALPBF Datasheet HTML 6Page - International Rectifier IRF820ALPBF Datasheet HTML 7Page - International Rectifier IRF820ALPBF Datasheet HTML 8Page - International Rectifier IRF820ALPBF Datasheet HTML 9Page - International Rectifier IRF820ALPBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
IRF820AS/LPbF
www.irf.com
9
TO-262 Part Marking Information
TO-262 Package Outline
ASSE MB LY
LOT CODE
RE CT IF IE R
INT ERNAT IONAL
AS S E MB L E D ON WW 19, 1997
Note: "P" in as s embly line
pos ition indicates "L ead-F ree"
IN T HE AS S E MB LY LINE "C"
LOGO
T HIS IS AN IRL 3103L
L OT CODE 1789
EXAMPLE:
LINE C
DAT E CODE
WEEK 19
YE AR 7 = 1997
PART NUMB ER
PART NUMB ER
LOGO
LOT CODE
ASSE MBL Y
INT E RNAT IONAL
RE CT IF IE R
PRODUCT (OPT IONAL )
P = DE S IGNAT E S L EAD-F RE E
A = AS S E MB L Y S IT E CODE
WEEK 19
YE AR 7 = 1997
DAT E CODE
OR


유사한 부품 번호 - IRF820ALPBF

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
IRF820ALPBF VISHAY-IRF820ALPBF Datasheet
168Kb / 8P
   Power MOSFET
Rev. A, 02-Jun-08
IRF820ALPBF VISHAY-IRF820ALPBF Datasheet
242Kb / 11P
   Power MOSFET
01-Jan-2022
More results

유사한 설명 - IRF820ALPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com