전자부품 데이터시트 검색엔진 |
|
ISL59442IB-T13 데이터시트(PDF) 3 Page - Intersil Corporation |
|
ISL59442IB-T13 데이터시트(HTML) 3 Page - Intersil Corporation |
3 / 11 page 3 FN7452.4 January 5, 2007 PSRR Power Supply Rejection Ratio DC, PSRR V+ and V- combined V ± = ±4.5V to ±5.5V -50 -57 dB ISO Channel Isolation f = 10MHz, Ch-Ch X-Talk and Off Isolation, CL = 1.6pF 75 dB SWITCHING CHARACTERISTICS VGLITCH Channel-to-Channel Switching Glitch VIN = 0V, CL = 23.6pF, RS = 25Ω 2mVP-P HIZ Switching Glitch VIN = 0V, CL = 23.6pF, RS = 25Ω 135 mVP-P tSW-L-H Channel Switching Time Low to High 1.2V logic threshold to 10% movement of analog output 30 ns tSW-H-L Channel Switching Time High to Low 1.2V logic threshold to 10% movement of analog output 28 ns TRANSIENT RESPONSE tr, tf Rise and Fall Time, 10% to 90% VOUT = 200mVP-P, CL = 1.6pF 0.69 ns VOUT = 2VP-P, CL = 23.6pF, RS =25Ω 1.4 ns tS 0.1% Settling Time VOUT = 2VP-P, CL = 23.6pF, RS =25Ω 6.6 ns tPLH Propagation Delay - Low to High, 10% to 10% VOUT = 200mVP-P, CL = 1.6pF 0.46 ns VOUT = 2VP-P, CL = 23.6pF, RS =25Ω 0.92 ns tPHL Propagation Delay- High to Low, 10% to 10% VOUT = 200mVP-P, CL = 1.6pF 0.52 ns VOUT = 2VP-P, CL = 23.6pF, RS =25Ω 0.97 ns OS Overshoot VOUT = 200mVP-P, CL = 1.6pF 8.3 % VOUT = 2VP-P, CL = 23.6pF, RS =25Ω 13.3 % Electrical Specifications V+ = +5V, V- = -5V, GND = 0V, TA = +25°C, Input Video = 1VP-P and RL = 500Ω to GND, VHIZ =0.8V, Unless Otherwise Specified (Continued) PARAMETER DESCRIPTION CONDITIONS MIN TYP MAX UNIT Typical Performance Curves VS = ±5V, RL = 500Ω to GND, TA = +25°C, unless otherwise specified. FIGURE 1. SMALL SIGNAL GAIN vs FREQUENCY vs CL FIGURE 2. SMALL SIGNAL GAIN vs FREQUENCY vs RL 0.001 0.01 0.1 1 FREQUENCY (GHz) CL = 7.2pF CL = 1.6pF CL INCLUDES 1.6pF BOARD CAPACITANCE CL = 9.7pF -5 -4 -3 -2 -1 0 1 2 3 4 5 1.5 VOUT = 200mVP-P CL = 5.5pF 0.001 0.01 0.1 1 1.5 -5 -4 -3 -2 -1 0 1 2 3 4 5 FREQUENCY (GHz) RL = 1kΩ RL = 150Ω VOUT = 200mVP-P RL = 500Ω RL = 75Ω CL = 1.6pF ISL59442 |
유사한 부품 번호 - ISL59442IB-T13 |
|
유사한 설명 - ISL59442IB-T13 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |