전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL1208 데이터시트(PDF) 6 Page - Intersil Corporation

부품명 ISL1208
상세설명  Low Power RTC with Battery Backed SRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1208 데이터시트(HTML) 6 Page - Intersil Corporation

Back Button ISL1208_06 Datasheet HTML 2Page - Intersil Corporation ISL1208_06 Datasheet HTML 3Page - Intersil Corporation ISL1208_06 Datasheet HTML 4Page - Intersil Corporation ISL1208_06 Datasheet HTML 5Page - Intersil Corporation ISL1208_06 Datasheet HTML 6Page - Intersil Corporation ISL1208_06 Datasheet HTML 7Page - Intersil Corporation ISL1208_06 Datasheet HTML 8Page - Intersil Corporation ISL1208_06 Datasheet HTML 9Page - Intersil Corporation ISL1208_06 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
FN8085.5
August 23, 2006
Typical Performance Curves Temperature is 25°C unless otherwise specified
FIGURE 1. IBAT vs VBAT
FIGURE 2. IBAT vs TEMPERATURE AT VBAT = 3V
FIGURE 3. IDD1 vs TEMPERATURE
FIGURE 4. IDD1 vs VCC WITH LPMODE ON & OFF
FIGURE 5. IDD1 vs FOUT AT VDD = 3.3V
FIGURE 6. IDD1 vs FOUT AT VDD = 5V
000E+0
100E-9
200E-9
300E-9
400E-9
500E-9
600E-9
700E-9
800E-9
900E-9
1E-6
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VBAT (V)
000E+0
200E-9
400E-9
600E-9
800E-9
1E-6
-40
-20
0
2040
6080
TEMPERATURE (°C)
1.0E-06
1.2E-06
1.4E-06
1.6E-06
1.8E-06
2.0E-06
2.2E-06
2.4E-06
-40
-20
0
2040
6080
TEMPERATURE (°C)
VCC = 5V
VCC = 3.3V
400.0E-9
600.0E-9
800.0E-9
1.0E-6
1.2E-6
1.4E-6
1.6E-6
1.8E-6
2.0E-6
2.2E-6
2.4E-6
2.53.0
3.54.0
4.55.0
5.5
VCC (V)
LPMODE = 0
LPMODE = 1
1.2E-6
1.3E-6
1.4E-6
1.5E-6
1.6E-6
1.7E-6
1.8E-6
1.9E-6
2.0E-6
2.1E-6
FOUT (Hz)
1.8E-6
1.9E-6
2.0E-6
2.1E-6
2.2E-6
2.3E-6
2.4E-6
2.5E-6
2.6E-6
2.7E-6
2.8E-6
2.9E-6
3.0E-6
FOUT (Hz)
ISL1208


유사한 부품 번호 - ISL1208_06

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL12082 INTERSIL-ISL12082 Datasheet
395Kb / 26P
   I2C-Bus??Real Time Clock with Two Interrupts, Alarm, and Timer
ISL12082 INTERSIL-ISL12082 Datasheet
768Kb / 6P
   High-Accuracy RTC Modules, Feature-Rich RTCs
ISL12082 INTERSIL-ISL12082 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL12082 RENESAS-ISL12082 Datasheet
1Mb / 28P
   I2C-Bus Real Time Clock with Two Interrupts, Alarm, and Timer, Low Power RTC with Battery ReSeal, 2 IRQs, Hundredths of a Second Time and Crystal Compensation
logo
Intersil Corporation
ISL12082IB8Z INTERSIL-ISL12082IB8Z Datasheet
395Kb / 26P
   I2C-Bus??Real Time Clock with Two Interrupts, Alarm, and Timer
More results

유사한 설명 - ISL1208_06

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL1218 INTERSIL-ISL1218 Datasheet
351Kb / 21P
   Low Power RTC with Battery Backed SRAM
ISL1208IRT8Z INTERSIL-ISL1208IRT8Z Datasheet
406Kb / 24P
   Low Power RTC with Battery Backed SRAM
logo
Renesas Technology Corp
ISL1218 RENESAS-ISL1218 Datasheet
883Kb / 21P
   Low Power RTC with Battery Backed SRAM
logo
Intersil Corporation
ISL12022MR5421 INTERSIL-ISL12022MR5421 Datasheet
401Kb / 29P
   Low Power RTC with Battery Backed SRAM, Integrated 5ppm
ISL1221 INTERSIL-ISL1221 Datasheet
649Kb / 24P
   Low Power RTC with Battery Backed
ISL1209 INTERSIL-ISL1209 Datasheet
416Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1219 INTERSIL-ISL1219 Datasheet
643Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1209 INTERSIL-ISL1209_06 Datasheet
358Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
logo
Renesas Technology Corp
ISL1219 RENESAS-ISL1219 Datasheet
994Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1209 RENESAS-ISL1209 Datasheet
998Kb / 25P
   Low Power RTC with Battery Backed SRAM and Event Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com