전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL60007DIB825 데이터시트(PDF) 8 Page - Intersil Corporation

부품명 ISL60007DIB825
상세설명  Precision 2.50V, 1.08U-Watt, High Precision FGA Voltage References
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL60007DIB825 데이터시트(HTML) 8 Page - Intersil Corporation

Back Button ISL60007DIB825 Datasheet HTML 2Page - Intersil Corporation ISL60007DIB825 Datasheet HTML 3Page - Intersil Corporation ISL60007DIB825 Datasheet HTML 4Page - Intersil Corporation ISL60007DIB825 Datasheet HTML 5Page - Intersil Corporation ISL60007DIB825 Datasheet HTML 6Page - Intersil Corporation ISL60007DIB825 Datasheet HTML 7Page - Intersil Corporation ISL60007DIB825 Datasheet HTML 8Page - Intersil Corporation ISL60007DIB825 Datasheet HTML 9Page - Intersil Corporation ISL60007DIB825 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
FN8087.3
April 21, 2006
Typical Application Circuits
FIGURE 19. PRECISION 2.5V, 50mA REFERENCE
FIGURE 20. ±2.5V DUAL OUTPUT, HIGH ACCURACY REFERENCE
FIGURE 21. KELVIN SENSED LOAD
VIN = 5V
2N2905
2.5V/50mA
0.001µF
VIN
VOUT
GND
ISL60007
R = 200
Ω
VIN
VOUT
GND
GND
VIN
VOUT
ISL60007
ISL60007
0.1µF
0.001µF
2.5V
0.001µF
R1
VIN = 3.0V
-VIN = -3.0V
-2.5V
2.5V-|VIN|
R1 =
-(IOUT)
; IOUT ≤ 7mA
10µF
0.1µF
VIN = 3.0V
VIN
VOUT
GND
ISL60007
VOUT SENSE
LOAD
+
10µF
EL8178
ISL60007


유사한 부품 번호 - ISL60007DIB825

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL60007DIB825 INTERSIL-ISL60007DIB825 Datasheet
469Kb / 12P
   Precision 1.25V and 2.50V, 1.08u-Watt, High Precision FGA Voltage References
More results

유사한 설명 - ISL60007DIB825

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL60007 INTERSIL-ISL60007 Datasheet
469Kb / 12P
   Precision 1.25V and 2.50V, 1.08u-Watt, High Precision FGA Voltage References
logo
Renesas Technology Corp
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL60002 INTERSIL-ISL60002_07 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
X60003 RENESAS-X60003 Datasheet
918Kb / 17P
   Precision SOT-23 FGA??Voltage References
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002_06 Datasheet
2Mb / 31P
   Precision Low Power FGA??Voltage References
ISL21032 INTERSIL-ISL21032 Datasheet
230Kb / 7P
   Precision 0.600V Low Voltage FGA References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com