전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL60002CIH312-TK 데이터시트(PDF) 11 Page - Intersil Corporation

부품명 ISL60002CIH312-TK
상세설명  Precision Low Power FGA??Voltage References
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL60002CIH312-TK 데이터시트(HTML) 11 Page - Intersil Corporation

Back Button ISL60002CIH312-TK Datasheet HTML 7Page - Intersil Corporation ISL60002CIH312-TK Datasheet HTML 8Page - Intersil Corporation ISL60002CIH312-TK Datasheet HTML 9Page - Intersil Corporation ISL60002CIH312-TK Datasheet HTML 10Page - Intersil Corporation ISL60002CIH312-TK Datasheet HTML 11Page - Intersil Corporation ISL60002CIH312-TK Datasheet HTML 12Page - Intersil Corporation ISL60002CIH312-TK Datasheet HTML 13Page - Intersil Corporation ISL60002CIH312-TK Datasheet HTML 14Page - Intersil Corporation ISL60002CIH312-TK Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
11
FN8082.7
August 1, 2006
FIGURE 19. LINE TRANSIENT RESPONSE
FIGURE 20. LINE TRANSIENT RESPONSE
FIGURE 21. PSRR vs CAPACITIVE LOAD
FIGURE 22. LOAD REGULATION
FIGURE 23. LOAD TRANSIENT RESPONSE
FIGURE 24. LOAD TRANSIENT RESPONSE
Typical Performance Characteristic Curves ISL60002, VOUT = 1.20V (Continued)
VIN = 3.0V, IOUT = 0mA, TA = +25°C unless otherwise specified
CL = 0nF
∆VIN = -0.30V
1ms/DIV
∆VIN = 0.30V
CL = 500pF
∆VIN = -0.30V
1ms/DIV
∆VIN = 0.30V
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
NO LOAD
1nF LOAD
10nF LOAD
100nF LOAD
-0.60
-0.50
-0.40
-0.30
-0.20
-0.10
0.00
0.10
0.20
0.30
0.40
0.50
0.60
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
7
SINKING
OUTPUT CURRENT (mA)
SOURCING
-40°C
85°C
25°C
IL = -50µA
200µs/DIV
IL = 50µA
IL = -7mA
500µs/DIV
IL = 7mA
ISL60002


유사한 부품 번호 - ISL60002CIH312-TK

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL60002CIH312-TK INTERSIL-ISL60002CIH312-TK Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002CIH312-TK INTERSIL-ISL60002CIH312-TK Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
More results

유사한 설명 - ISL60002CIH312-TK

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002_07 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002 INTERSIL-ISL60002_10 Datasheet
2Mb / 36P
   Precision Low Power FGA??Voltage References
ISL60002_0712 INTERSIL-ISL60002_0712 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
logo
Renesas Technology Corp
ISL60002 RENESAS-ISL60002 Datasheet
2Mb / 40P
   Precision Low Power FGA Voltage References
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
ISL21032 INTERSIL-ISL21032 Datasheet
230Kb / 7P
   Precision 0.600V Low Voltage FGA References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com